전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9182 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RT9182 Datasheet

  • # Example questions: ➢ What is the maximum power dissipation of the rt9182, and what factors influence this value?
    ➢ What type of output capacitor is recommended for optimal performance and stability with the rt9182, and what esr value should it have?
    ➢ The datasheet mentions a reverse current path and the use of a schottky diode. explain the purpose of this diode and under what conditions it becomes necessary.

  • Part No.RT9182
    ManufacturerRICHTEK
    Size132 Kbytes
    Pages9 pages
    DescriptionDual, Low-Noise, 200mA LDO Regulator
    Datasheet Summary with AI

    RT9080 LDO Regulator Datasheet Summary

    Overview:

    The RT9080 is a low dropout (LDO) linear regulator designed for a wide range of applications, especially in portable and power-sensitive devices. It's a CMOS LDO offering excellent regulation, low quiescent current, and stability with a small external ceramic output capacitor.

    Key Features:

    ️· Wide Input Voltage Range: 2.5V to 5.5V
    ️· Output Voltage: Adjustable via external resistors, or fixed versions available.
    ️· Low Quiescent Current: 25uA typical, minimizing power consumption.
    ️· High Output Accuracy: ±1%
    ️· Stable with Ceramic Capacitors: Designed to work with low ESR ceramic capacitors for space-saving and performance.
    ️· Current Limit Protection: Protects the regulator and the load from overcurrent conditions.
    ️· Thermal Shutdown Protection: Protects the regulator from overheating.
    ️· Small Package: Available in SOT-23-6 and other small packages.

    Typical Applications:

    ️· Portable Devices (Cell Phones, Tablets, MP3 Players)
    ️· Power Management for Microcontrollers and DSPs
    ️· Wireless Communication Devices
    ️· Battery-Powered Systems
    ️· General Purpose Regulation

    Key Parameters and Performance:

    ️· Dropout Voltage: Typically around 100mV to 200mV (depending on the load current).
    ️· Output Current: Up to 300mA.
    ️· Line Regulation: <0.1%
    ️· Load Regulation: <0.5%

    Protection Features:

    ️· Current Limit: Limits output current to protect against short circuits.
    ️· Thermal Shutdown: Shuts down the regulator if the die temperature exceeds the thermal shutdown threshold.

    Important Design Considerations:

    ️· Input and Output Capacitors: Proper capacitor selection is crucial for stability and performance. Ceramic capacitors are recommended.
    ️· Layout: Follow the recommended layout guidelines to minimize noise and ensure stable operation.
    ️· Thermal Management: Ensure adequate heat dissipation to prevent overheating.



    This datasheet provides detailed specifications, application information, and design guidelines for the RT9080 LDO regulator. It's a valuable resource for engineers designing power management systems.

    RT9080 LDO Regulator Datasheet Summary

    Overview:

    The RT9080 is a low dropout (LDO) linear regulator designed for a wide range of applications, especially in portable and power-sensitive devices. It's a CMOS LDO offering excellent regulation, low quiescent current, and stability with a small external ceramic output capacitor.

    Key Features:

    ️· Wide Input Voltage Range: 2.5V to 5.5V
    ️· Output Voltage: Adjustable via external resistors, or fixed versions available.
    ️· Low Quiescent Current: 25uA typical, minimizing power consumption.
    ️· High Output Accuracy: ±1%
    ️· Stable with Ceramic Capacitors: Designed to work with low ESR ceramic capacitors for space-saving and performance.
    ️· Current Limit Protection: Protects the regulator and the load from overcurrent conditions.
    ️· Thermal Shutdown Protection: Protects the regulator from overheating.
    ️· Small Package: Available in SOT-23-6 and other small packages.

    Typical Applications:

    ️· Portable Devices (Cell Phones, Tablets, MP3 Players)
    ️· Power Management for Microcontrollers and DSPs
    ️· Wireless Communication Devices
    ️· Battery-Powered Systems
    ️· General Purpose Regulation

    Key Parameters and Performance:

    ️· Dropout Voltage: Typically around 100mV to 200mV (depending on the load current).
    ️· Output Current: Up to 300mA.
    ️· Line Regulation: <0.1%
    ️· Load Regulation: <0.5%

    Protection Features:

    ️· Current Limit: Limits output current to protect against short circuits.
    ️· Thermal Shutdown: Shuts down the regulator if the die temperature exceeds the thermal shutdown threshold.

    Important Design Considerations:

    ️· Input and Output Capacitors: Proper capacitor selection is crucial for stability and performance. Ceramic capacitors are recommended.
    ️· Layout: Follow the recommended layout guidelines to minimize noise and ensure stable operation.
    ️· Thermal Management: Ensure adequate heat dissipation to prevent overheating.



    This datasheet provides detailed specifications, application information, and design guidelines for the RT9080 LDO regulator. It's a valuable resource for engineers designing power management systems.

    Part No.RT9182
    ManufacturerRICHTEK
    Size132 Kbytes
    Pages9 pages
    DescriptionDual, Low-Noise, 200mA LDO Regulator