전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC237AP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TC74HC237AP Datasheet

  • # Example questions: ➢ What is the maximum propagation delay time (tplh) from gl to y when using a 50pf load capacitance?
    ➢ What is the typical input capacitance (cin) of the tc74hc237ap/af?
    ➢ What type of applications is the tc74hc237ap/af *not* intended for, according to the restrictions on product use section?

  • Part No.TC74HC237AP
    ManufacturerTOSHIBA
    Size384 Kbytes
    Pages9 pages
    Description3-to-8 Line Decoder/Latch
    Datasheet Summary with AI

    # TC74HC237AP/AF

    ## Features
    ️· High speed: tpd = 12 ns (typ.) at VCC = 5 V
    ️· Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
    ️· High noise immunity: VNIH = VNIL = 28% VCC (min)
    ️· Output drive capability: 10 LSTTL loads
    ️· Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
    ️· Balanced propagation delays: tpLH ∼ − tpHL
    ️· Wide operating voltage range: VCC (opr) = 2~6 V
    ️· Pin and function compatible with 74LS237

    ## Operating Ranges
    ️· Supply voltage: VCC: 2~6 V
    ️· Operating temperature: Topr: −40~85 °C

    ## Electrical Characteristics (DC)
    ️· High-level input voltage: VIH: 1.50V (VCC = 2.0V), 3.15V (VCC = 4.5V), 4.20V (VCC = 6.0V)
    ️· Low-level input voltage: VIL: 0.50V (VCC = 2.0V), 1.35V (VCC = 4.5V), 1.80V (VCC = 6.0V)
    ️· High-level output voltage: VOH (IOH = -20μA): 1.9V(VCC = 2.0V), 4.4V (VCC = 4.5V), 5.9V (VCC = 6.0V)

    ️· Low-level output voltage: VOL (IOL = 20μA): 0.1V(VCC = 2.0V), 0.1V (VCC = 4.5V), 0.1V (VCC = 6.0V)

    ## Timing Requirements
    ️· Minimum pulse width (GL): 75ns(VCC = 2.0V), 15ns (VCC = 4.5V), 13ns (VCC = 6.0V)
    ️· Minimum set-up time (A, B, C-GL): 50ns(VCC = 2.0V), 10ns (VCC = 4.5V), 9ns (VCC = 6.0V)
    ️· Minimum hold time (A, B, C-GL): 25ns(VCC = 2.0V), 5ns (VCC = 4.5V), 5ns (VCC = 6.0V)

    ## Package Dimensions
    ️· DIP16-P-300-2.54A: 1.00 g (typ.)
    ️· SOP16-P-300-1.27A: 0.18 g (typ.)

    ## Truth Table
    ️· Inputs: GL, 2G, G1, C, B, A
    ️· Outputs: Y0-Y7
    ️· Outputs are low depending on the input address when enabled.

    ## Absolute Maximum Ratings
    ️· Supply voltage range: -0.5 to 7 V
    ️· Storage temperature: -65 to 150°C

    # TC74HC237AP/AF

    ## Features
    ️· High speed: tpd = 12 ns (typ.) at VCC = 5 V
    ️· Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
    ️· High noise immunity: VNIH = VNIL = 28% VCC (min)
    ️· Output drive capability: 10 LSTTL loads
    ️· Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
    ️· Balanced propagation delays: tpLH ∼ − tpHL
    ️· Wide operating voltage range: VCC (opr) = 2~6 V
    ️· Pin and function compatible with 74LS237

    ## Operating Ranges
    ️· Supply voltage: VCC: 2~6 V
    ️· Operating temperature: Topr: −40~85 °C

    ## Electrical Characteristics (DC)
    ️· High-level input voltage: VIH: 1.50V (VCC = 2.0V), 3.15V (VCC = 4.5V), 4.20V (VCC = 6.0V)
    ️· Low-level input voltage: VIL: 0.50V (VCC = 2.0V), 1.35V (VCC = 4.5V), 1.80V (VCC = 6.0V)
    ️· High-level output voltage: VOH (IOH = -20μA): 1.9V(VCC = 2.0V), 4.4V (VCC = 4.5V), 5.9V (VCC = 6.0V)
    ️· Low-level output voltage: VOL (IOL = 20μA): 0.1V(VCC = 2.0V), 0.1V (VCC = 4.5V), 0.1V (VCC = 6.0V)

    ## Timing Requirements
    ️· Minimum pulse width (GL): 75ns(VCC = 2.0V), 15ns (VCC = 4.5V), 13ns (VCC = 6.0V)
    ️· Minimum set-up time (A, B, C-GL): 50ns(VCC = 2.0V), 10ns (VCC = 4.5V), 9ns (VCC = 6.0V)
    ️· Minimum hold time (A, B, C-GL): 25ns(VCC = 2.0V), 5ns (VCC = 4.5V), 5ns (VCC = 6.0V)

    ## Package Dimensions
    ️· DIP16-P-300-2.54A: 1.00 g (typ.)
    ️· SOP16-P-300-1.27A: 0.18 g (typ.)

    ## Truth Table
    ️· Inputs: GL, 2G, G1, C, B, A
    ️· Outputs: Y0-Y7
    ️· Outputs are low depending on the input address when enabled.

    ## Absolute Maximum Ratings
    ️· Supply voltage range: -0.5 to 7 V
    ️· Storage temperature: -65 to 150°C

    Part No.TC74HC237AP
    ManufacturerTOSHIBA
    Size384 Kbytes
    Pages9 pages
    Description3-to-8 Line Decoder/Latch