| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TLP512 Datasheet
# Example questions:
➢ What types of applications are toshiba products *not* warranted for, and what is the term used to describe this prohibited usage?
➢ What material is used in the product that requires special handling due to its potential harm to the human body?
➢ What is the typical forward current (if) used as a reference point for the normalized graphs of io/if vs. if and io/if vs. temperature?
# TLP512 Photocoupler
## Overview
Digital logic ground isolation, line receiver, microprocessor system interfaces, switching power supply feedback control, and transistor inverter applications. Consists of a GaAℓAs high-output light emitting diode and a high-speed detector with a PN photodiode and amplifier transistor.
## Key Features
️· Isolation voltage: 2500 Vrms (min)
️· Switching speed: tpHL = 0.8 μs, tpLH = 0.8 μs (max) @ RL = 1.9 kΩ
️· TTL compatible
️· UL recognized: UL1577, file No. E67349
## Electrical Characteristics
️· Forward Voltage (VF): 1.65 - 1.85 V @ IF = 16 mA
️· Output Current (IO): 8 mA max
️· Supply Voltage (VCC): -0.5 to 15 V
️· Current Transfer Ratio (IO/IF): 20-40% @ IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
## Absolute Maximum Ratings
️· DC Forward Current (IF): 25 mA
️· Pulse Forward Current (IFP): 50 mA
️· Peak Transient Forward Current (IFPT): 1 A
️· Operating Temperature: -55 to 100 °C
️· Storage Temperature: -55 to 125 °C
## Package & Dimensions
️· Weight: 0.4 g (typ.)
️· Detailed dimensions available in datasheet image.
## Switching Characteristics
️· Propagation Delay Time (tpHL, tpLH): 0.8 μs (max) @ RL = 1.9 kΩ
## Important Notes
️· GaAs is used; avoid breaking, cutting, or dissolving.
️· Compliance with RoHS regulations is the user’s responsibility.
️· Restrictions apply to usage in unintended applications (e.g. safety-critical systems).
# TLP512 Photocoupler
## Overview
Digital logic ground isolation, line receiver, microprocessor system interfaces, switching power supply feedback control, and transistor inverter applications. Consists of a GaAℓAs high-output light emitting diode and a high-speed detector with a PN photodiode and amplifier transistor.
## Key Features
️· Isolation voltage: 2500 Vrms (min)
️· Switching speed: tpHL = 0.8 μs, tpLH = 0.8 μs (max) @ RL = 1.9 kΩ
️· TTL compatible
️· UL recognized: UL1577, file No. E67349
## Electrical Characteristics
️· Forward Voltage (VF): 1.65 - 1.85 V @ IF = 16 mA
️· Output Current (IO): 8 mA max
️· Supply Voltage (VCC): -0.5 to 15 V
️· Current Transfer Ratio (IO/IF): 20-40% @ IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
## Absolute Maximum Ratings
️· DC Forward Current (IF): 25 mA
️· Pulse Forward Current (IFP): 50 mA
️· Peak Transient Forward Current (IFPT): 1 A
️· Operating Temperature: -55 to 100 °C
️· Storage Temperature: -55 to 125 °C
## Package & Dimensions
️· Weight: 0.4 g (typ.)
️· Detailed dimensions available in datasheet image.
## Switching Characteristics
️· Propagation Delay Time (tpHL, tpLH): 0.8 μs (max) @ RL = 1.9 kΩ
## Important Notes
️· GaAs is used; avoid breaking, cutting, or dissolving.
️· Compliance with RoHS regulations is the user’s responsibility.
️· Restrictions apply to usage in unintended applications (e.g. safety-critical systems).
| Part No. | TLP512 |
| Manufacturer | TOSHIBA |
| Size | 201 Kbytes |
| Pages | 7 pages |
| Description | Digital Logic Ground Isolation |