![]() |
전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about APA06_02 Datasheet
Example questions:
1. What is the input voltage range for the APA06 SIP Non-isolated Series DC-DC Converter mentioned in the document?
2. What is the output voltage range for the APA06 SIP Non-isolated Series DC-DC Converter mentioned in the document?
3. When was the publishing date of the document about the APA06 SIP Non-isolated Series DC-DC Converter?
# APA06 SIP Non-Isolated DC-DC Converter
## General Description
* Non-isolated DC-DC modules
* Wide input voltage range: 3-5.5V
* Output voltage: 1.5V - 3.3V (model dependent)
* Output current: 3.2A - 5.1A (model dependent)
* Power rating: 9-20W (model dependent)
* Switching frequency: 450 kHz
## Features
* High efficiency (76-89%, model dependent)
* Adjustable output voltage (trimming range: 84-116%)
* CNT control: High (OFF) = 2.4-12Vdc, Low (ON) = -0.7-1.8Vdc
* Sense compensation: 16%Vo
* Temperature coefficient: 0.02%/°C
* Ripple: 25-50mV (p-p)
* Noise: 50mV (p-p)
## Electrical Characteristics
* Input Voltage Range: 3-5.5Vdc (04SXVX), 4.5-5.5Vdc (05SXVX)
* Input Reflected Current: 4-6%Iin
* Short-circuit Current: 0.1 A
* Line Regulation: 0.5%Vo Io=6A
* Load Regulation: 1%Vo Io=0-6A, Vin=5V
## Protection
* CNT control for on/off functionality
* Short Circuit Protection
## Environmental
* MTBF: 7,000 k Hrs (Bellcore TR332, 0°C)
* Pin Solder Temperature: 260°C (wave solder < 10s)
* Hand Soldering Time: 5s, iron temperature 425°C
* Weight: 7.5 grams
## Ordering Information (Example Models)
* APA06K04 (E-6): 3-5.5V, 3.2A, 1.5V, 6A, 78% efficiency
* APA06F05 (E-6): 4.5-5.5V, 5.1A, 3.3V, 6A, 89% efficiency
(Refer to datasheet for complete model list and specifications)
## Dynamic Response
* Dynamic Response 25-50% load: 50-100 mV
* Dynamic Response 50-25% load: 50-100 mV
* Dynamic Response 25-50% load 100-200µs
* Dynamic Response 50-25% load 100-200µs
## Current Limit Threshold
* 6.6 - 10.8 A
Part No. | APA06_02 |
Manufacturer | ASTEC |
Size | 182 Kbytes |
Pages | 15 pages |
Description | 3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |