전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VN540SP-E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VN540SP-E Datasheet

  • # Example questions: ➢ What are the thermal shutdown (ttsd) and thermal reset (tr) temperatures for this device?
    ➢ What is the status output (status) when a shorted load condition occurs?
    ➢ What is the peak short circuit current (iovpk) specified in the datasheet?

  • Part No.VN540SP-E
    ManufacturerSTMICROELECTRONICS
    Size151 Kbytes
    Pages13 pages
    DescriptionSINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
    Datasheet Summary with AI

    ## VN540-E/SP-E/12-E: Single Channel High-Side Driver - Summary

    This document details the specifications of the STMicroelectronics VN540-E, VN540SP-E, and VN540-12-E, a single-channel high-side driver designed for automotive and general-purpose applications.

    Key Features & Specifications:

    ️· Function: Controls a load connected to the positive supply voltage. Functions as a protected high-side switch.
    ️· Voltage: Designed for 12V systems.
    ️· Current Capability: Can handle up to 8A DC continuous current and 4A peak short circuit current.
    ️· Protection Features:
    - Overcurrent Protection: Limits current to protect the device and load.
    - Short-Circuit Protection: Safely handles short circuits.
    - Over-temperature Protection: Shuts down the device if it overheats.
    - Undervoltage Shutdown: Prevents operation with insufficient supply voltage.
    ️· Logic Inputs: Compatible with standard TTL/CMOS logic.
    ️· Diagnostic Output: Provides status information (e.g., fault conditions) via the STATUS pin.
    ️· Packages: Available in PowerSO-10, Pentawatt vertical and straight packages.
    ️· Key Parameters:
    - Rds(on): Low on-resistance for efficient operation.
    - Vds(off): Low off-state voltage.

    - Switching Speed: Fast switching times for improved performance.
    ️· Applications: Suitable for controlling various loads such as lamps, motors, valves, and relays in automotive and industrial applications.



    In essence, this is a robust, protected switch designed to efficiently and reliably control loads in demanding environments.

    ## VN540-E/SP-E/12-E: Single Channel High-Side Driver - Summary

    This document details the specifications of the STMicroelectronics VN540-E, VN540SP-E, and VN540-12-E, a single-channel high-side driver designed for automotive and general-purpose applications.

    Key Features & Specifications:

    ️· Function: Controls a load connected to the positive supply voltage. Functions as a protected high-side switch.
    ️· Voltage: Designed for 12V systems.
    ️· Current Capability: Can handle up to 8A DC continuous current and 4A peak short circuit current.
    ️· Protection Features:
    - Overcurrent Protection: Limits current to protect the device and load.
    - Short-Circuit Protection: Safely handles short circuits.
    - Over-temperature Protection: Shuts down the device if it overheats.
    - Undervoltage Shutdown: Prevents operation with insufficient supply voltage.
    ️· Logic Inputs: Compatible with standard TTL/CMOS logic.
    ️· Diagnostic Output: Provides status information (e.g., fault conditions) via the STATUS pin.
    ️· Packages: Available in PowerSO-10, Pentawatt vertical and straight packages.
    ️· Key Parameters:
    - Rds(on): Low on-resistance for efficient operation.
    - Vds(off): Low off-state voltage.
    - Switching Speed: Fast switching times for improved performance.
    ️· Applications: Suitable for controlling various loads such as lamps, motors, valves, and relays in automotive and industrial applications.



    In essence, this is a robust, protected switch designed to efficiently and reliably control loads in demanding environments.

    Part No.VN540SP-E
    ManufacturerSTMICROELECTRONICS
    Size151 Kbytes
    Pages13 pages
    DescriptionSINGLE HIGH SIDE SMART POWER SOLID STATE RELAY