전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2T12-9S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GS2T12-9S Datasheet

  • # Example questions: ➢ What is the maximum reflected input current (iir) when the input voltage is 12v and the output current is 250ma?
    ➢ What is the typical efficiency of the gs2t12-9s converter when operating with a 12v input voltage and a 250ma output current?
    ➢ What input voltage range allows the gs2t12-9s to deliver an output voltage between -8.55v and -9.45v?

  • Part No.GS2T12-9S
    ManufacturerSTMICROELECTRONICS
    Size33 Kbytes
    Pages2 pages
    Description2 W LAN DC-DC CONVERTER
    Datasheet Summary with AI

    # GS2T12-9S DC-DC Converter
    ## Description
    · 2.25W unregulated DC-DC converter
    · Designed for Local Area Network (CHEAPERNET and ETHERNET) transceivers
    · Provides power, voltage regulation, and isolation
    · Compliant with IEEE 802.3 Standard
    · Features an enable function (active high) compatible with CMOS/TTL logic.

    ## Electrical Characteristics
    · Input Voltage (Vi): 9.50 to 15.75 V (at Vout = -9V, Iout = 0 to 250mA)
    · Input Ripple (Vir): 45 to 75 mVpp (at Vi = 12V, Iout = 250mA)
    · Reflected Input Current (Iir): 10 to 20 mApp (at Vi = 12V, Iout = 250mA)
    · Enable Input Current (Ien): 0.2 mA (at Vi = 9.50 to 15.75V)
    · Output Voltage (Vo): -8.55 to -9.45 V (at Vi = 9.50 to 15.75V, Iout = 0 to 250mA)
    · Output Ripple (Vor): 30 to 70 mVpp (at Vi = 12V, Iout = 250mA)
    · Isolation Voltage (Vis): 2500 Vdc
    · Efficiency (η): 68 to 71% (at Vi = 12V, Iout = 250mA)

    ## Operating Conditions
    · Operating Temperature Range (Top): 0 to +70 °C

    · Storage Temperature Range (Tstg): -40 to +85 °C

    ## Important Notes
    · Information is believed to be accurate but is not a guarantee.
    · No license granted for patent rights.
    · Specifications are subject to change without notice.
    · Not authorized for critical life support applications without written approval.

    # GS2T12-9S DC-DC Converter
    ## Description
    · 2.25W unregulated DC-DC converter
    · Designed for Local Area Network (CHEAPERNET and ETHERNET) transceivers
    · Provides power, voltage regulation, and isolation
    · Compliant with IEEE 802.3 Standard
    · Features an enable function (active high) compatible with CMOS/TTL logic.

    ## Electrical Characteristics
    · Input Voltage (Vi): 9.50 to 15.75 V (at Vout = -9V, Iout = 0 to 250mA)
    · Input Ripple (Vir): 45 to 75 mVpp (at Vi = 12V, Iout = 250mA)
    · Reflected Input Current (Iir): 10 to 20 mApp (at Vi = 12V, Iout = 250mA)
    · Enable Input Current (Ien): 0.2 mA (at Vi = 9.50 to 15.75V)
    · Output Voltage (Vo): -8.55 to -9.45 V (at Vi = 9.50 to 15.75V, Iout = 0 to 250mA)
    · Output Ripple (Vor): 30 to 70 mVpp (at Vi = 12V, Iout = 250mA)
    · Isolation Voltage (Vis): 2500 Vdc
    · Efficiency (η): 68 to 71% (at Vi = 12V, Iout = 250mA)

    ## Operating Conditions
    · Operating Temperature Range (Top): 0 to +70 °C
    · Storage Temperature Range (Tstg): -40 to +85 °C

    ## Important Notes
    · Information is believed to be accurate but is not a guarantee.
    · No license granted for patent rights.
    · Specifications are subject to change without notice.
    · Not authorized for critical life support applications without written approval.

    Part No.GS2T12-9S
    ManufacturerSTMICROELECTRONICS
    Size33 Kbytes
    Pages2 pages
    Description2 W LAN DC-DC CONVERTER