전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2T5-5D15 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GS2T5-5D15 Datasheet

  • # Example questions: ➢ What is the operating temperature range for this module?
    ➢ What is the maximum input voltage this dc-dc converter can handle?
    ➢ How much output current can be supplied on the +15v output?

  • Part No.GS2T5-5D15
    ManufacturerSTMICROELECTRONICS
    Size33 Kbytes
    Pages2 pages
    Description2 W TRIPLE OUTPUT DC-DC CONVERTER
    Datasheet Summary with AI

    # GS2T5-5D15 DC-DC Converter

    ## Description
    ️· A 2.3W DC-DC converter providing isolated power.
    ️· Outputs: +5V/50mA, +15V/70mA, and -15V/70mA.
    ️· Operates from a 5V input source.
    ️· Offers 2500Vdc isolation.

    ## Electrical Characteristics
    ️· Input Voltage (Vi): 4.7V to 5.3V
    ️· Output Voltage 1 (Vo1): 4.75V to 5.25V (at +5V)
    ️· Output Voltage 2 (Vo2): 14.25V to 15.75V (at +15V)
    ️· Output Voltage 3 (Vo3): -14.25V to -15.75V (at -15V)
    ️· Input Reflected Current (Iir): 150mA (full load)
    ️· Output Ripple (Vor):
    - Vo1: 50mVpp
    - Vo2: 100mVpp
    - Vo3: 100mVpp
    ️· Output Currents (Io):
    - Io1: 0 - 50mA

    - Io2: 5 - 70mA
    - Io3: -5 - -70mA
    ️· Isolation Voltage (Vis): 2500 Vdc
    ️· Switching Frequency (fs): 50 kHz
    ️· Efficiency (η): 70-75% (full load)

    ## Operating & Storage Temperature
    ️· Operating Temp: 0°C to +70°C
    ️· Storage Temp: -40°C to +85°C

    # GS2T5-5D15 DC-DC Converter

    ## Description
    ️· A 2.3W DC-DC converter providing isolated power.
    ️· Outputs: +5V/50mA, +15V/70mA, and -15V/70mA.
    ️· Operates from a 5V input source.
    ️· Offers 2500Vdc isolation.

    ## Electrical Characteristics
    ️· Input Voltage (Vi): 4.7V to 5.3V
    ️· Output Voltage 1 (Vo1): 4.75V to 5.25V (at +5V)
    ️· Output Voltage 2 (Vo2): 14.25V to 15.75V (at +15V)
    ️· Output Voltage 3 (Vo3): -14.25V to -15.75V (at -15V)
    ️· Input Reflected Current (Iir): 150mA (full load)
    ️· Output Ripple (Vor):
    - Vo1: 50mVpp
    - Vo2: 100mVpp
    - Vo3: 100mVpp
    ️· Output Currents (Io):
    - Io1: 0 - 50mA
    - Io2: 5 - 70mA
    - Io3: -5 - -70mA
    ️· Isolation Voltage (Vis): 2500 Vdc
    ️· Switching Frequency (fs): 50 kHz
    ️· Efficiency (η): 70-75% (full load)

    ## Operating & Storage Temperature
    ️· Operating Temp: 0°C to +70°C
    ️· Storage Temp: -40°C to +85°C

    Part No.GS2T5-5D15
    ManufacturerSTMICROELECTRONICS
    Size33 Kbytes
    Pages2 pages
    Description2 W TRIPLE OUTPUT DC-DC CONVERTER