![]() |
전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HCF4001B Datasheet
Example questions:
1. What is the propagation delay time for the HCC/HCF4000B integrated circuit at a load capacitance of 50 pF and a supply voltage of 10V?
2. What are the order codes for the HCFXXXXBM1, HCFXXXXBEY, and HCFXXXXBC1F packages of the HCC/HCF4000B integrated circuit?
3. Which standard specification does the HCC/HCF4000B device meet according to the provided information?
The document provides detailed technical specifications for the HCC/HCF4000B-4001B, HCC/HCF4002B-4025B integrated circuits, which are available in plastic, ceramic, micro, and chip carrier packages.
The document includes information on pin connections, absolute maximum ratings, recommended operating conditions, schematic and logic diagrams, static and dynamic electrical characteristics, mechanical data, and test circuits.
It also includes information on the quiescent device current, noise immunity, and input leakage current.
The document is intended for system designers and provides all the necessary information for the implementation of the nor function and supplementing the existing family of COS/MOS gates.
Part No. | HCF4001B |
Manufacturer | STMICROELECTRONICS |
Size | 289 Kbytes |
Pages | 13 pages |
Description | NOR GATE |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |