전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4001BC1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HCF4001BC1 Datasheet

  • Example questions: 1. What is the propagation delay time for the HCC/HCF4000B integrated circuit at a load capacitance of 50 pF and a supply voltage of 10V?
    2. What are the order codes for the HCFXXXXBM1, HCFXXXXBEY, and HCFXXXXBC1F packages of the HCC/HCF4000B integrated circuit?
    3. Which standard specification does the HCC/HCF4000B device meet according to the provided information?

  • Part No.HCF4001BC1
    ManufacturerSTMICROELECTRONICS
    Size289 Kbytes
    Pages13 pages
    DescriptionNOR GATE
    Datasheet Summary with AI

    The document provides detailed technical specifications for the HCC/HCF4000B-4001B, HCC/HCF4002B-4025B integrated circuits, which are available in plastic, ceramic, micro, and chip carrier packages.
    The document includes information on pin connections, absolute maximum ratings, recommended operating conditions, schematic and logic diagrams, static and dynamic electrical characteristics, mechanical data, and test circuits.
    It also includes information on the quiescent device current, noise immunity, and input leakage current.
    The document is intended for system designers and provides all the necessary information for the implementation of the nor function and supplementing the existing family of COS/MOS gates.

    Datasheet Summary with AI

    The document provides detailed technical specifications for the HCC/HCF4000B-4001B, HCC/HCF4002B-4025B integrated circuits, which are available in plastic, ceramic, micro, and chip carrier packages.
    The document includes information on pin connections, absolute maximum ratings, recommended operating conditions, schematic and logic diagrams, static and dynamic electrical characteristics, mechanical data, and test circuits.
    It also includes information on the quiescent device current, noise immunity, and input leakage current.
    The document is intended for system designers and provides all the necessary information for the implementation of the nor function and supplementing the existing family of COS/MOS gates.

    Part No.HCF4001BC1
    ManufacturerSTMICROELECTRONICS
    Size289 Kbytes
    Pages13 pages
    DescriptionNOR GATE
    개인정보취급방침
    ALLDATASHEET.CO.KR
    ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

    Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com