전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4068BF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HCC4068BF Datasheet

  • # Example questions: ➢ What is the typical input capacitance for any input of the hcc/hcf4068b?
    ➢ What are the typical and maximum propagation delay times for a supply voltage of 10v?
    ➢ What is the maximum height (dimension 'd') for the plastic dip14 package?

  • Part No.HCC4068BF
    ManufacturerSTMICROELECTRONICS
    Size264 Kbytes
    Pages10 pages
    Description8-INPUT NAND/AND GATE
    Datasheet Summary with AI

    # HCC/HCF4068B Datasheet Summary

    ## Device Overview

    ️· Function: CMOS Logic Gate (specifically, an open-drain NAND gate configurable for various logic functions).
    ️· Types: Available in HCC (High-speed CMOS) and HCF (Standard CMOS) versions.
    ️· Applications: General-purpose logic, driving LEDs, buffering, and interfacing.

    ## Electrical Characteristics

    ️· Supply Voltage (Vdd): 3V – 18V
    ️· Input High Voltage (Vih): Vdd x 0.7
    ️· Input Low Voltage (Vil): Vdd x 0.3
    ️· Output Low Voltage (Vol): ≈ 0V (due to open-drain output)
    ️· Propagation Delay (tPHL/tPLH): Varies with Vdd (e.g., 150ns at 5V, 75ns at 10V, 55ns at 15V)
    ️· Input Leakage Current: Very low (±0.1µA typical)
    ️· Input Capacitance (CI): Approximately 5-7.5pF

    ## Key Features

    ️· CMOS Technology: Low power consumption.
    ️· Open-Drain Output: Allows for wired-OR logic and interfacing with external pull-up resistors.
    ️· Wide Operating Voltage Range: Flexible for various applications.
    ️· Multiple Package Options: DIP, SOIC, PLCC, etc.

    ## Package Options (with dimensions available in the datasheet)

    ️· Plastic DIP14
    ️· Ceramic DIP14
    ️· SO14
    ️· PLCC20

    ## Important Notes

    ️· Datasheet provides detailed electrical characteristics and timing diagrams.
    ️· Device is sensitive to electrostatic discharge (ESD).
    ️· Not authorized for use in critical life support applications without express written approval.

    # HCC/HCF4068B Datasheet Summary

    ## Device Overview

    ️· Function: CMOS Logic Gate (specifically, an open-drain NAND gate configurable for various logic functions).
    ️· Types: Available in HCC (High-speed CMOS) and HCF (Standard CMOS) versions.
    ️· Applications: General-purpose logic, driving LEDs, buffering, and interfacing.

    ## Electrical Characteristics

    ️· Supply Voltage (Vdd): 3V – 18V
    ️· Input High Voltage (Vih): Vdd x 0.7
    ️· Input Low Voltage (Vil): Vdd x 0.3
    ️· Output Low Voltage (Vol): ≈ 0V (due to open-drain output)
    ️· Propagation Delay (tPHL/tPLH): Varies with Vdd (e.g., 150ns at 5V, 75ns at 10V, 55ns at 15V)
    ️· Input Leakage Current: Very low (±0.1µA typical)
    ️· Input Capacitance (CI): Approximately 5-7.5pF

    ## Key Features

    ️· CMOS Technology: Low power consumption.
    ️· Open-Drain Output: Allows for wired-OR logic and interfacing with external pull-up resistors.
    ️· Wide Operating Voltage Range: Flexible for various applications.
    ️· Multiple Package Options: DIP, SOIC, PLCC, etc.

    ## Package Options (with dimensions available in the datasheet)

    ️· Plastic DIP14
    ️· Ceramic DIP14
    ️· SO14
    ️· PLCC20

    ## Important Notes

    ️· Datasheet provides detailed electrical characteristics and timing diagrams.
    ️· Device is sensitive to electrostatic discharge (ESD).
    ️· Not authorized for use in critical life support applications without express written approval.

    Part No.HCC4068BF
    ManufacturerSTMICROELECTRONICS
    Size264 Kbytes
    Pages10 pages
    Description8-INPUT NAND/AND GATE