| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SC4177W Datasheet
# Example questions:
➢ What is the maximum continuous collector current that the 2sc4177w transistor can handle?
➢ What is the typical junction and storage temperature range for the 2sc4177w transistor?
➢ Which marking code corresponds to a transistor with an hfe range of 135-270?
# 2SC4177W Silicon Epitaxial Planar Transistor
## Features
· Excellent hFE linearity.
· High voltage and current capability.
· Complementary to 2SA1611.
· Small SOT-323 package.
## Applications
· Audio frequency general purpose amplifiers.
## Ordering Information
| Type No. | Marking | Package Code |
|---|
| Parameter | Value | Unit |
|---|---|---|
| VCBO (Collector-Base Voltage) | 60 | V |
| VCEO (Collector-Emitter Voltage) | 50 | V |
| VEBO (Emitter-Base Voltage) | 5 | V |
| IC (Collector Current) | 100 | mA |
| PC (Collector Dissipation) | 150 | mW |
| Tj, Tstg (Junction/Storage Temperature) | -55 to 150 | ℃ |
| Parameter | Test Conditions | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| V(BR)CBO (Collector-Base Breakdown Voltage) | IC=100μA, IE=0 | 60 | V | ||
| V(BR)CEO (Collector-Emitter Breakdown Voltage) | IC=1mA, IB=0 | 50 | V | ||
| V(BR)EBO (Emitter-Base Breakdown Voltage) | IE=100μA, IC=0 | 5 | V | ||
| ICBO (Collector Cut-off Current) | VCB=60V, IE=0 | 0.1 | μA | ||
| IEBO (Emitter Cut-off Current) | VEB=5V, IC=0 | 0.1 | μA | ||
| hFE (DC Current Gain) | VCE=6V, IC=1mA | 90 | 200 | 600 | |
| VCE(sat) (Collector-Emitter Saturation Voltage) | IC=100mA, IB=10mA | 0.15 | 0.3 | V | |
| VBE(sat) (Base-Emitter Saturation Voltage) | IC=100mA, IB=10mA | 0.86 | 1.0 | V | |
| fT (Transition Frequency) | VCE=6V, IE=-10mA | 250 | MHz | ||
| Cob (Collector Output Capacitance) | VCB=6V, IE=0, f=1MHz | 3.0 | pF |
| Range | Marking |
|---|---|
| 90-180 | L4 |
| 135-270 | L5 |
| 200-400 | L6 |
| 300-600 | L7 |
| Dimension | Min | Max |
|---|---|---|
| A | 1.8 | 2.2 |
| B | 1.15 | 1.35 |
| C | 1.0 (Typical) | 1.0 (Typical) |
| D | 0.15 | 0.35 |
| E | 0.25 | 0.40 |
| G | 1.2 | 1.4 |
| H | 0.02 | 0.1 |
| J | 0.1 (Typical) | 0.1 (Typical) |
| K | 2.1 | 2.3 |
| Device | Package | Shipping |
|---|---|---|
| 2SC4177W | SOT-323 | 3000/Tape & Reel |
# 2SC4177W Silicon Epitaxial Planar Transistor
## Features
· Excellent hFE linearity.
· High voltage and current capability.
· Complementary to 2SA1611.
· Small SOT-323 package.
## Applications
· Audio frequency general purpose amplifiers.
## Ordering Information
| Type No. | Marking | Package Code |
|---|
| Parameter | Value | Unit |
|---|---|---|
| VCBO (Collector-Base Voltage) | 60 | V |
| VCEO (Collector-Emitter Voltage) | 50 | V |
| VEBO (Emitter-Base Voltage) | 5 | V |
| IC (Collector Current) | 100 | mA |
| PC (Collector Dissipation) | 150 | mW |
| Tj, Tstg (Junction/Storage Temperature) | -55 to 150 | ℃ |
| Parameter | Test Conditions | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| V(BR)CBO (Collector-Base Breakdown Voltage) | IC=100μA, IE=0 | 60 | V | ||
| V(BR)CEO (Collector-Emitter Breakdown Voltage) | IC=1mA, IB=0 | 50 | V | ||
| V(BR)EBO (Emitter-Base Breakdown Voltage) | IE=100μA, IC=0 | 5 | V | ||
| ICBO (Collector Cut-off Current) | VCB=60V, IE=0 | 0.1 | μA | ||
| IEBO (Emitter Cut-off Current) | VEB=5V, IC=0 | 0.1 | μA | ||
| hFE (DC Current Gain) | VCE=6V, IC=1mA | 90 | 200 | 600 | |
| VCE(sat) (Collector-Emitter Saturation Voltage) | IC=100mA, IB=10mA | 0.15 | 0.3 | V | |
| VBE(sat) (Base-Emitter Saturation Voltage) | IC=100mA, IB=10mA | 0.86 | 1.0 | V | |
| fT (Transition Frequency) | VCE=6V, IE=-10mA | 250 | MHz | ||
| Cob (Collector Output Capacitance) | VCB=6V, IE=0, f=1MHz | 3.0 | pF |
| Range | Marking |
|---|---|
| 90-180 | L4 |
| 135-270 | L5 |
| 200-400 | L6 |
| 300-600 | L7 |
| Dimension | Min | Max |
|---|---|---|
| A | 1.8 | 2.2 |
| B | 1.15 | 1.35 |
| C | 1.0 (Typical) | 1.0 (Typical) |
| D | 0.15 | 0.35 |
| E | 0.25 | 0.40 |
| G | 1.2 | 1.4 |
| H | 0.02 | 0.1 |
| J | 0.1 (Typical) | 0.1 (Typical) |
| K | 2.1 | 2.3 |
| Device | Package | Shipping |
|---|---|---|
| 2SC4177W | SOT-323 | 3000/Tape & Reel |
| Part No. | 2SC4177W |
| Manufacturer | BILIN |
| Size | 271 Kbytes |
| Pages | 4 pages |
| Description | Silicon Epitaxial Planar Transistor |
| 개인정보취급방침 |
| ALLDATASHEET.CO.KR |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |