전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM2901 Datasheet

  • Example questions: 1. What is the input bias current for the LM2901 voltage comparator?
    2. What is the typical output saturation voltage for the LM2901 comparator when the output current is 4mA?
    3. What is the temperature range for the LM2901N comparator?

  • Part No.LM2901
    ManufacturerSTMICROELECTRONICS
    Size540 Kbytes
    Pages12 pages
    DescriptionLOW POWER QUAD VOLTAGE COMPARATORS
    Datasheet Summary with AI

    The LM2901 is a low power quad voltage comparator with a wide single supply voltage range of +2V to +36V or ±1V to ±18V.
    It has very low supply current, low input bias current, and low input offset current.
    The device consists of four independent precision voltage comparators and is designed to operate from a single supply over a wide range of voltages.
    It is also compatible with various output types and has a unique input common-mode voltage range that includes ground.
    The device has absolute maximum ratings and various operating conditions.
    The datasheet also includes order codes, package mechanical data, electrical characteristics, typical applications, and a revision history.

    Datasheet Summary with AI

    The LM2901 is a low power quad voltage comparator with a wide single supply voltage range of +2V to +36V or ±1V to ±18V.
    It has very low supply current, low input bias current, and low input offset current.
    The device consists of four independent precision voltage comparators and is designed to operate from a single supply over a wide range of voltages.
    It is also compatible with various output types and has a unique input common-mode voltage range that includes ground.
    The device has absolute maximum ratings and various operating conditions.
    The datasheet also includes order codes, package mechanical data, electrical characteristics, typical applications, and a revision history.

    Part No.LM2901
    ManufacturerSTMICROELECTRONICS
    Size540 Kbytes
    Pages12 pages
    DescriptionLOW POWER QUAD VOLTAGE COMPARATORS