| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about F4205R Datasheet
# Example questions:
➢ What is the typical standby current draw for this oscillator?
➢ What is the maximum supply voltage supported by the f4200 series oscillator?
➢ How does the input voltage level on pin 1 (inh) affect the output state on pin 3?
# F4200 Series: 3.3V HCMOS Ceramic SMD Oscillator with Standby
## Features
· 3.3V operation
· HCMOS output
· Standby function
· Tape and Reel packaging (2,000 pcs. STD)
· Available in a 5.0V version (F3400)
## Model Variants & Specifications
| Model Number | Frequency Stability | Operating Temperature (°C) | Frequency Range (MHz) |
|---|---|---|---|
| F4200 | ±100PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| F4200R | ±100PPM | -40 ~ +85 | 1.544 ~ 50.000 |
| F4205 | ±50PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| F4205R | ±50PPM | -40 ~ +85 | 1.544 ~ 50.000 |
| F4206 | ±25PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| F4206R | ±25PPM | -40 ~ +85 | 1.544 ~ 50.000 |
| F4208 | ±20PPM | -10 ~ +70 | 1.544 ~ 50.000 |
# F4200 Series: 3.3V HCMOS Ceramic SMD Oscillator with Standby
## Features
· 3.3V operation
· HCMOS output
· Standby function
· Tape and Reel packaging (2,000 pcs. STD)
· Available in a 5.0V version (F3400)
## Model Variants & Specifications
| Model Number | Frequency Stability | Operating Temperature (°C) | Frequency Range (MHz) |
|---|---|---|---|
| F4200 | ±100PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| F4200R | ±100PPM | -40 ~ +85 | 1.544 ~ 50.000 |
| F4205 | ±50PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| F4205R | ±50PPM | -40 ~ +85 | 1.544 ~ 50.000 |
| F4206 | ±25PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| F4206R | ±25PPM | -40 ~ +85 | 1.544 ~ 50.000 |
| F4208 | ±20PPM | -10 ~ +70 | 1.544 ~ 50.000 |
| Part No. | F4205R |
| Manufacturer | FOX |
| Size | 87 Kbytes |
| Pages | 1 page |
| Description | 3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY |