| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM397MFX Datasheet
# Example questions:
➢ What is the primary application of the lm397 as described in the document?
➢ What are the key benefits of adding hysteresis to a comparator circuit using the lm397?
➢ What is the significance of the sot23-5 tape and reel specification for manufacturers using this component?
Okay, here's a comprehensive summary of the provided National Semiconductor datasheet for the LM397 comparator, breaking down the key information.
1. Product Overview: LM397 Comparator
️· Function: The LM397 is a comparator, designed to convert analog signals to digital signals. It compares input voltage (V IN) at the non-inverting pin to a reference voltage (V REF) at the inverting pin.
️· Output Stage: It features an open-collector, grounded-emitter NPN output transistor, requiring an external pull-up resistor. This configuration allows for flexibility in output circuitry and enables ORing multiple comparator outputs.
️· Hysteresis: The datasheet emphasizes the ability to add hysteresis to the comparator circuit to prevent oscillations or noise when the inputs are close to each other.
️· Input Stage: Bipolar input stage. Input common mode voltage range is 0 to (V S – 1.5V).
2. Key Features & Considerations
️· Open-Collector Output: Requires an external pull-up resistor. The datasheet suggests choosing a resistance that balances power dissipation and switching speed.
️· Hysteresis Implementation: A three-resistor network can be used to add hysteresis, creating two switching thresholds to prevent oscillation. Formulas for calculating hysteresis voltage are provided.
️· Banned Substance Compliance: The product is RoHS compliant and adheres to National Semiconductor's Product Stewardship Guide.
3. Physical and Packaging Information
️· Package Type: SOT23-5
️· Dimensions: Detailed physical dimensions for the SOT23-5 package are provided in millimeters.
️· Tape and Reel Specifications: Detailed information is given on the tape and reel format, including dimensions for the tape, cavities, and reel.
4. Customer Support Information
️· National Semiconductor provides customer support centers in the Americas, Europe, Asia Pacific, and Japan, with contact information (email, phone, fax) for each region.
5. Life Support Policy
️· The product is not authorized for use in critical components of life support devices without expressed written approval from National Semiconductor.
In essence, this datasheet provides a detailed guide to using the LM397 comparator, covering its functionality, electrical characteristics, application considerations (like hysteresis), and packaging/physical specifications. It's a resource for engineers and technicians incorporating this comparator into their designs.
1. Product Overview: LM397 Comparator
️· Function: The LM397 is a comparator, designed to convert analog signals to digital signals. It compares input voltage (V IN) at the non-inverting pin to a reference voltage (V REF) at the inverting pin.
️· Output Stage: It features an open-collector, grounded-emitter NPN output transistor, requiring an external pull-up resistor. This configuration allows for flexibility in output circuitry and enables ORing multiple comparator outputs.
️· Hysteresis: The datasheet emphasizes the ability to add hysteresis to the comparator circuit to prevent oscillations or noise when the inputs are close to each other.
️· Input Stage: Bipolar input stage. Input common mode voltage range is 0 to (V S – 1.5V).
2. Key Features & Considerations
️· Open-Collector Output: Requires an external pull-up resistor. The datasheet suggests choosing a resistance that balances power dissipation and switching speed.
️· Hysteresis Implementation: A three-resistor network can be used to add hysteresis, creating two switching thresholds to prevent oscillation. Formulas for calculating hysteresis voltage are provided.
️· Banned Substance Compliance: The product is RoHS compliant and adheres to National Semiconductor's Product Stewardship Guide.
3. Physical and Packaging Information
️· Package Type: SOT23-5
️· Dimensions: Detailed physical dimensions for the SOT23-5 package are provided in millimeters.
️· Tape and Reel Specifications: Detailed information is given on the tape and reel format, including dimensions for the tape, cavities, and reel.
4. Customer Support Information
️· National Semiconductor provides customer support centers in the Americas, Europe, Asia Pacific, and Japan, with contact information (email, phone, fax) for each region.
5. Life Support Policy
️· The product is not authorized for use in critical components of life support devices without expressed written approval from National Semiconductor.
In essence, this datasheet provides a detailed guide to using the LM397 comparator, covering its functionality, electrical characteristics, application considerations (like hysteresis), and packaging/physical specifications. It's a resource for engineers and technicians incorporating this comparator into their designs.
| Part No. | LM397MFX |
| Manufacturer | NSC |
| Size | 603 Kbytes |
| Pages | 8 pages |
| Description | Single General Purpose Voltage Comparator |