전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6911E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L6911E Datasheet

  • # Example questions: ➢ Describe the soft-start functionality of the l6911e, including the role of the css capacitor and how it impacts the output voltage ramp-up.
    ➢ What is the primary function of the vid (voltage identification) pins, and how do they affect the output voltage of the l6911e?
    ➢ How does the l6911e’s driver section adapt to different types of power mosfets, and what mechanisms are in place to prevent cross-conduction?

  • Part No.L6911E
    ManufacturerSTMICROELECTRONICS
    Size482 Kbytes
    Pages34 pages
    Description5-Bit programmable step down controller with synchronous rectification
    Datasheet Summary with AI

    1. Device Overview:

    ️· The L6911E is an integrated circuit designed for high-performance step-down DC-DC converters, specifically optimized for microprocessor power supplies.
    ️· It's built using BCD technology.
    ️· It drives N-Channel MOSFETs in a synchronous rectified buck topology.
    ️· It operates with Vcc ranging from 5V to 12V.
    ️· It regulates the output voltage from 1.050V to 1.825V with 25mV steps, with ±1% tolerance.
    ️· It uses voltage-mode control for fast transient response.

    2. Key Features & Functionality:

    ️· Switching Frequency: 200kHz (fixed), adjustable via external resistor (RT) between 50kHz to 1MHz.
    ️· Error Amplifier: 15MHz gain-bandwidth product, 10V/ms slew rate for fast response.
    ️· PWM Duty Cycle: 0% to 100%.
    ️· Protection: Overcurrent protection with hiccup mode. Current is monitored via the RDS(on) of the upper MOSFET (no current sensing resistor needed).
    ️· Soft Start: Ramp-up of output voltage using a 10µA current charging an external capacitor.
    ️· Inhibit: Device shuts down if Vcc or OCSET are below threshold.
    ️· Driver: High and low-side drivers capable of driving various MOSFETs.

    3. Digital to Analog Converter (DAC):

    ️· Adjusts output voltage using VID (Voltage Identification) pins.
    ️· Internal reference trimmed for 1% precision.
    ️· VID code drives an internal DAC to select a voltage from a divider.
    ️· Internal pull-ups on VID pins (can program "1" by leaving pin floating, "0" by shorting to ground).
    ️· VID configuration also sets Power-Good and Over-Voltage Protection thresholds.

    4. Important Equations & Notes:

    ️· Switching Frequency (Fs) Adjustments (using RT resistor):
    - RT to GND: Fs = 200kHz + (4.94 x 10^-6 / RT)
    - RT to Vcc=12V: Fs = 200kHz + (4.306 x 10^-6 / RT)
    - RT to Vcc=5V: Fs = 200kHz + (15 x 10^-6 / RT)
    ️· Soft Start: 10µA charging current for the soft start capacitor.
    ️· Oscillator: Typical current delivered to oscillator is 50µA. Forcing 50µA into the oscillator will stop switching.

    5. Driver Specifications:

    ️· Low-Side Driver:
    - Source peak current: 1.1A @ Vcc=12V, 500mA @ Vcc=5V
    - Sink peak current: 1.3A @ Vcc=12V, 500mA @ Vcc=5V
    ️· High-Side Driver:
    - Source peak current: 1.3A @ Vboot-Vphase=12V, 600mA @ Vboot-Vphase=5V
    - Sink peak current: 1.3A @ Vboot-Vphase=12V, 550mA @ Vboot-Vphase=5V

    1. Device Overview:

    ️· The L6911E is an integrated circuit designed for high-performance step-down DC-DC converters, specifically optimized for microprocessor power supplies.
    ️· It's built using BCD technology.
    ️· It drives N-Channel MOSFETs in a synchronous rectified buck topology.
    ️· It operates with Vcc ranging from 5V to 12V.
    ️· It regulates the output voltage from 1.050V to 1.825V with 25mV steps, with ±1% tolerance.
    ️· It uses voltage-mode control for fast transient response.

    2. Key Features & Functionality:

    ️· Switching Frequency: 200kHz (fixed), adjustable via external resistor (RT) between 50kHz to 1MHz.
    ️· Error Amplifier: 15MHz gain-bandwidth product, 10V/ms slew rate for fast response.
    ️· PWM Duty Cycle: 0% to 100%.
    ️· Protection: Overcurrent protection with hiccup mode. Current is monitored via the RDS(on) of the upper MOSFET (no current sensing resistor needed).
    ️· Soft Start: Ramp-up of output voltage using a 10µA current charging an external capacitor.
    ️· Inhibit: Device shuts down if Vcc or OCSET are below threshold.
    ️· Driver: High and low-side drivers capable of driving various MOSFETs.

    3. Digital to Analog Converter (DAC):

    ️· Adjusts output voltage using VID (Voltage Identification) pins.
    ️· Internal reference trimmed for 1% precision.
    ️· VID code drives an internal DAC to select a voltage from a divider.
    ️· Internal pull-ups on VID pins (can program "1" by leaving pin floating, "0" by shorting to ground).
    ️· VID configuration also sets Power-Good and Over-Voltage Protection thresholds.

    4. Important Equations & Notes:

    ️· Switching Frequency (Fs) Adjustments (using RT resistor):
    - RT to GND: Fs = 200kHz + (4.94 x 10^-6 / RT)
    - RT to Vcc=12V: Fs = 200kHz + (4.306 x 10^-6 / RT)
    - RT to Vcc=5V: Fs = 200kHz + (15 x 10^-6 / RT)
    ️· Soft Start: 10µA charging current for the soft start capacitor.
    ️· Oscillator: Typical current delivered to oscillator is 50µA. Forcing 50µA into the oscillator will stop switching.

    5. Driver Specifications:

    ️· Low-Side Driver:
    - Source peak current: 1.1A @ Vcc=12V, 500mA @ Vcc=5V
    - Sink peak current: 1.3A @ Vcc=12V, 500mA @ Vcc=5V
    ️· High-Side Driver:
    - Source peak current: 1.3A @ Vboot-Vphase=12V, 600mA @ Vboot-Vphase=5V
    - Sink peak current: 1.3A @ Vboot-Vphase=12V, 550mA @ Vboot-Vphase=5V

    Part No.L6911E
    ManufacturerSTMICROELECTRONICS
    Size482 Kbytes
    Pages34 pages
    Description5-Bit programmable step down controller with synchronous rectification