| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M54HC139D1 Datasheet
# Example questions:
➢ What is the maximum length (l) dimension?
➢ What is the typical propagation delay time (tplh) for the 'g' to 'y' input when vcc is 4.5v?
➢ What is the typical input capacitance (c in) value at a vcc of 5.0v?
Device Overview:
️· Function: The M54HC139 is a high-speed CMOS quad triple-state buffer gate. It's designed for buffering and switching applications.
️· Technology: Built using advanced HCMOS technology, offering a good balance of speed and power consumption.
️· Package Options: Available in DIP-16, FPC-16, and SO-16 packages.
Key Features:
️· Quad Buffer: Contains four independent 3-state buffers.
️· Triple-State Outputs: Outputs can be enabled or disabled, allowing for bus organization.
️· HCMOS Technology: Provides high speed and low power dissipation.
️· 5V Operation: Designed for 5V VCC supply.
️· Wide Operating Temperature: Can operate in a wide range of temperatures.
Electrical Characteristics (Highlights):
️· VCC Range: 2V to 6V
️· Input High Voltage (VIH): 2V
️· Output High Voltage (VOH): Close to VCC
️· Propagation Delay (tPLH, tPHL): Typically a few nanoseconds (varies with load and VCC)
️· Output Drive Capability: Can drive a standard CMOS load.
Applications:
️· Buffering
️· Switching
️· Bus Organization
️· Address Buffering
️· Data Buffering
Absolute Maximum Ratings:
️· VCC: -0.5V to 7V
️· Input/Output Voltage: -0.5V to VCC + 0.5V
️· Operating Temperature: -40°C to +85°C (or up to +125°C depending on grade)
Important Notes:
️· The datasheet includes detailed electrical characteristics tables, timing diagrams, and test circuit information.
️· It also includes mechanical dimensions for the various package options.
In essence, the M54HC139 is a versatile, high-performance buffer gate suitable for a wide range of digital logic applications.
Device Overview:
️· Function: The M54HC139 is a high-speed CMOS quad triple-state buffer gate. It's designed for buffering and switching applications.
️· Technology: Built using advanced HCMOS technology, offering a good balance of speed and power consumption.
️· Package Options: Available in DIP-16, FPC-16, and SO-16 packages.
Key Features:
️· Quad Buffer: Contains four independent 3-state buffers.
️· Triple-State Outputs: Outputs can be enabled or disabled, allowing for bus organization.
️· HCMOS Technology: Provides high speed and low power dissipation.
️· 5V Operation: Designed for 5V VCC supply.
️· Wide Operating Temperature: Can operate in a wide range of temperatures.
Electrical Characteristics (Highlights):
️· VCC Range: 2V to 6V
️· Input High Voltage (VIH): 2V
️· Output High Voltage (VOH): Close to VCC
️· Propagation Delay (tPLH, tPHL): Typically a few nanoseconds (varies with load and VCC)
️· Output Drive Capability: Can drive a standard CMOS load.
Applications:
️· Buffering
️· Switching
️· Bus Organization
️· Address Buffering
️· Data Buffering
Absolute Maximum Ratings:
️· VCC: -0.5V to 7V
️· Input/Output Voltage: -0.5V to VCC + 0.5V
️· Operating Temperature: -40°C to +85°C (or up to +125°C depending on grade)
Important Notes:
️· The datasheet includes detailed electrical characteristics tables, timing diagrams, and test circuit information.
️· It also includes mechanical dimensions for the various package options.
In essence, the M54HC139 is a versatile, high-performance buffer gate suitable for a wide range of digital logic applications.
| Part No. | M54HC139D1 |
| Manufacturer | STMICROELECTRONICS |
| Size | 190 Kbytes |
| Pages | 8 pages |
| Description | RAD-HARD DUAL 2 TO 4 DECODER/DEMULTIPLEXER |