전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AC73 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AC73 Datasheet

  • # Example questions: ➢ What is the maximum allowable storage temperature for this crystal oscillator?
    ➢ What is the maximum supply current (icc) this oscillator will draw during operation?
    ➢ How does the frequency tolerance change over the operating temperature range of -55 to 125°c?

  • Part No.AC73
    ManufacturerCONNOR-WINFIELD
    Size190 Kbytes
    Pages1 page
    Description14 PIN DIP ACMOS CLOCK OSCILLATOR
    Datasheet Summary with AI

    # AC73 Crystal Controlled Oscillator

    ## General Description
    ️· Hermetically sealed, 5.0V Crystal Controlled Oscillator (XO)
    ️· CMOS/TTL Compatible
    ️· Designed for wide temperature range applications

    ## Absolute Maximum Ratings
    ️· Storage Temperature: -65°C to 135°C
    ️· Supply Voltage (Vcc): -0.5V to 7Vdc

    ## Operating Specifications
    ️· Frequency Range (Fo): 10.0 MHz to 133.0 MHz
    ️· Total Frequency Tolerance: ±100 ppm
    ️· Operating Temperature Range: -55°C to 125°C
    ️· Supply Voltage (Vcc): 4.75V to 5.25Vdc
    ️· Supply Current (Icc): Up to 70mA
    ️· Jitter (BW=10Hz to 20MHz): 5 ps rms
    ️· Jitter (BW=12kHz to 20MHz): 1 ps rms
    ️· Phase Noise Specifications (dBc/Hz): Ranging from -60 dBc/Hz at 10Hz offset to -140 dBc/Hz at 100kHz offset.

    ## ACMOS Output Characteristics
    ️· Load: 50 pF
    ️· Voltage (High Voh): 4.40 Vdc
    ️· Voltage (Low Vol): 0.44 Vdc
    ️· Current (High Ioh): -24 mA
    ️· Current (Low Ioh): 24 mA
    ️· Duty Cycle: 45% to 55% at 50% Vcc
    ️· Rise/Fall Time: 1.5 to 3 nS

    ## Package Characteristics
    ️· Hermetically sealed, metal package

    ## Features
    ️· 5.0V Operation
    ️· Low Jitter (<1ps RMS)
    ️· Frequency Tolerance: ±100 ppm
    ️· Temperature Range: -55°C to 125°C
    ️· Hermetically Sealed Package

    ## Ordering Information
    ️· AC73 - 100.00 MHz

    # AC73 Crystal Controlled Oscillator

    ## General Description
    ️· Hermetically sealed, 5.0V Crystal Controlled Oscillator (XO)
    ️· CMOS/TTL Compatible
    ️· Designed for wide temperature range applications

    ## Absolute Maximum Ratings
    ️· Storage Temperature: -65°C to 135°C
    ️· Supply Voltage (Vcc): -0.5V to 7Vdc

    ## Operating Specifications
    ️· Frequency Range (Fo): 10.0 MHz to 133.0 MHz
    ️· Total Frequency Tolerance: ±100 ppm
    ️· Operating Temperature Range: -55°C to 125°C
    ️· Supply Voltage (Vcc): 4.75V to 5.25Vdc
    ️· Supply Current (Icc): Up to 70mA
    ️· Jitter (BW=10Hz to 20MHz): 5 ps rms
    ️· Jitter (BW=12kHz to 20MHz): 1 ps rms
    ️· Phase Noise Specifications (dBc/Hz): Ranging from -60 dBc/Hz at 10Hz offset to -140 dBc/Hz at 100kHz offset.

    ## ACMOS Output Characteristics
    ️· Load: 50 pF
    ️· Voltage (High Voh): 4.40 Vdc
    ️· Voltage (Low Vol): 0.44 Vdc
    ️· Current (High Ioh): -24 mA
    ️· Current (Low Ioh): 24 mA
    ️· Duty Cycle: 45% to 55% at 50% Vcc
    ️· Rise/Fall Time: 1.5 to 3 nS

    ## Package Characteristics
    ️· Hermetically sealed, metal package

    ## Features
    ️· 5.0V Operation
    ️· Low Jitter (<1ps RMS)
    ️· Frequency Tolerance: ±100 ppm
    ️· Temperature Range: -55°C to 125°C
    ️· Hermetically Sealed Package

    ## Ordering Information
    ️· AC73 - 100.00 MHz

    Part No.AC73
    ManufacturerCONNOR-WINFIELD
    Size190 Kbytes
    Pages1 page
    Description14 PIN DIP ACMOS CLOCK OSCILLATOR