전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USBABIDVT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USBABIDVT Datasheet

  • # Example questions: ➢ What is the maximum operating temperature for connectors using the standard pbt insulator?
    ➢ What is the current rating for these usb and firewire connectors?
    ➢ If a product requires soldering at 260°c, which insulator option should be selected?

  • Part No.USBABIDVT
    ManufacturerADAM-TECH
    Size152 Kbytes
    Pages1 page
    DescriptionUSB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
    Datasheet Summary with AI

    # Adam Technologies USB, Mini USB, Firewire & Mini Firewire Connectors

    Series Overview

    ️· USB, Mini USB, Firewire (IEEE 1394) connectors
    ️· Shielded, hot-pluggable, high-speed I/O interface connectors
    ️· Available in various body styles, sizes, positions, and mounting orientations
    ️· RoHS Compliant

    Ordering Information and Options

    ️· Series Indicator:
    - USB = Universal Serial Bus
    - MUSB = Mini USB
    - FWC = IEEE 1394 Firewire
    - MFW = Mini IEEE 1394 Firewire
    ️· Port Options:
    - S = Single port
    - D = Dual port
    - T = Triple port
    - Q = Quad port
    ️· Mounting Angle:
    - RA = Right Angle
    - RU = Right Angle Upright
    - VT = Vertical Mount
    - S = Wire Termination (Plug Only)
    ️· Type Designations: (Examples)
    - A = USB Type “A”
    - B = USB Type “B”
    - AB = USB Type “AB” (Mini) mid-mount
    - B4 = USB Type “B” (Mini) 4 pin
    - B5 = USB Type “B” (Mini) 5 pin
    - C = Firewire (IEEE 1394)
    ️· Options (Added as Suffixes):
    - SMT = Surface Mount Leads (Hi-Temp insulator up to 260°C)
    - 30 = 30 µin gold plating in contact area
    - WT = White insulator
    - HT = Hi-Temp insulator (for thru-hole products; all SMT products have Hi-Temp)
    - T/R = Tape & Reel packaging

    Features

    ️· Industry Standard Compatible
    ️· High-Speed I/O Applications
    ️· Variety of Circuit Sizes & Body Styles
    ️· Standard and Mini Versions
    ️· Shielded for EMI/RFI Protection

    Specifications

    ️· Material:
    - Insulator: PBT (standard) or Nylon PA9T (Hi-Temp) - both UL94V-0 rated.
    - Contacts: Phosphor Bronze or Brass
    - Shell: Steel, Nickel Plated
    - Contact Plating: Gold Flash over Nickel (mating area), Tin over Copper (tails)
    ️· Electrical:
    - Operating Voltage: 100V AC
    - Current Rating: 1 Amp Max
    - Contact Resistance: 30 mΩ Max
    - Insulation Resistance: 1000 MΩ Min
    - Dielectric Withstanding Voltage: 100V AC for 1 minute
    ️· Mechanical:
    - Insertion Force: 3 oz Max
    - Withdrawal Force: 0.5 oz Min
    ️· Temperature Ratings:
    - Operating Temperature: -40°C to +85°C (PBT) / -55°C to +105°C (Nylon PA9T)
    - Soldering Process Temperature: 235°C (Standard) / 260°C (Hi-Temp)

    Approvals & Certifications

    ️· UL Recognized (File No. E224053)
    ️· CSA Certified (File No. LR1578596)

    # Adam Technologies USB, Mini USB, Firewire & Mini Firewire Connectors

    Series Overview

    ️· USB, Mini USB, Firewire (IEEE 1394) connectors
    ️· Shielded, hot-pluggable, high-speed I/O interface connectors
    ️· Available in various body styles, sizes, positions, and mounting orientations
    ️· RoHS Compliant

    Ordering Information and Options

    ️· Series Indicator:
    - USB = Universal Serial Bus
    - MUSB = Mini USB
    - FWC = IEEE 1394 Firewire
    - MFW = Mini IEEE 1394 Firewire
    ️· Port Options:
    - S = Single port
    - D = Dual port
    - T = Triple port
    - Q = Quad port
    ️· Mounting Angle:
    - RA = Right Angle
    - RU = Right Angle Upright
    - VT = Vertical Mount
    - S = Wire Termination (Plug Only)
    ️· Type Designations: (Examples)
    - A = USB Type “A”
    - B = USB Type “B”
    - AB = USB Type “AB” (Mini) mid-mount
    - B4 = USB Type “B” (Mini) 4 pin
    - B5 = USB Type “B” (Mini) 5 pin
    - C = Firewire (IEEE 1394)
    ️· Options (Added as Suffixes):
    - SMT = Surface Mount Leads (Hi-Temp insulator up to 260°C)
    - 30 = 30 µin gold plating in contact area
    - WT = White insulator
    - HT = Hi-Temp insulator (for thru-hole products; all SMT products have Hi-Temp)
    - T/R = Tape & Reel packaging

    Features

    ️· Industry Standard Compatible
    ️· High-Speed I/O Applications
    ️· Variety of Circuit Sizes & Body Styles
    ️· Standard and Mini Versions
    ️· Shielded for EMI/RFI Protection

    Specifications

    ️· Material:
    - Insulator: PBT (standard) or Nylon PA9T (Hi-Temp) - both UL94V-0 rated.
    - Contacts: Phosphor Bronze or Brass
    - Shell: Steel, Nickel Plated
    - Contact Plating: Gold Flash over Nickel (mating area), Tin over Copper (tails)
    ️· Electrical:
    - Operating Voltage: 100V AC
    - Current Rating: 1 Amp Max
    - Contact Resistance: 30 mΩ Max
    - Insulation Resistance: 1000 MΩ Min
    - Dielectric Withstanding Voltage: 100V AC for 1 minute
    ️· Mechanical:
    - Insertion Force: 3 oz Max
    - Withdrawal Force: 0.5 oz Min
    ️· Temperature Ratings:
    - Operating Temperature: -40°C to +85°C (PBT) / -55°C to +105°C (Nylon PA9T)
    - Soldering Process Temperature: 235°C (Standard) / 260°C (Hi-Temp)

    Approvals & Certifications

    ️· UL Recognized (File No. E224053)
    ️· CSA Certified (File No. LR1578596)

    Part No.USBABIDVT
    ManufacturerADAM-TECH
    Size152 Kbytes
    Pages1 page
    DescriptionUSB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE