전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2PH11TB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2PH11TB Datasheet

  • # Example questions: ➢ What is the maximum operating voltage for these pin headers?
    ➢ What are the available options for the insulator material and what ratings do they have?
    ➢ What is the maximum number of positions available for a single row pin header?

  • Part No.2PH11TB
    ManufacturerADAM-TECH
    Size109 Kbytes
    Pages1 page
    Description2.00mm PIN HEADERS .079 [2.00] CENTERLINE
    Datasheet Summary with AI

    # 2.00mm PIN HEADERS
    .079" [2.00] CENTERLINE

    Series Overview: Adam Tech 2PH & D2PH Series 2.0mm Pin Headers offer a range of fine-pitched headers in single, dual, or three rows, straight or right-angle configurations, suitable for Thru-Hole or SMT mounting.

    ## Ordering Information

    Series Indicators
    ️· 2PH1: 2.00mm Single Row Straight Pin Header
    ️· 2PH2: 2.00mm Dual Row Straight Pin Header
    ️· 2PH1R: 2.00mm Single Row Right Angle Pin Header
    ️· 2PH2R: 2.00mm Dual Row Right Angle Pin Header
    ️· D2PH: 2mm Dual Insulator Pin Header

    Positions
    ️· Single Row: 1-40
    ️· Dual Row: 2-80

    Pin Length
    ️· A: Standard
    ️· B: Customer-specified

    Plating
    ️· U: Gold flash over nickel underplate
    ️· T: Tin over copper underplate
    ️· SG: Selective gold plating on contact area, tin plating on solder tails

    ## Features

    ️· Single, Dual, or Three Row
    ️· Tin, gold, or selective gold plating options
    ️· Thru-hole or SMT mounting
    ️· Stacked and custom length versions available
    ️· Breakaway design
    ️· Hi-Temp insulator available

    ## Specifications

    ️· Material:
    - Standard Insulator: PBT, glass reinforced, UL94V-0 rated
    - Hi-Temp Insulator: Nylon 6T, UL94V-0 rated
    ️· Electrical:
    - Operating Voltage: 250V AC max.
    - Current Rating: 1 Amp max.
    - Contact Resistance: 20 mΩ max. initial
    - Insulation Resistance: 5000 MΩ min.
    - Dielectric Withstanding Voltage: 1000V AC for 1 minute
    ️· Mechanical:
    - Mating Durability: 1,000 cycles
    ️· Temperature Rating:
    - Operating Temperature: -55°C to +105°C
    - Soldering Process Temperature: 260°C

    ## Options

    ️· SMT: Surface Mount leads (Dual Row)
    ️· SMT-A: Surface Mount leads Type A
    ️· SMT-B: Surface Mount Leads Type B
    ️· HT: Hi-Temp insulator (Thru-hole products only)
    ️· L: Low profile 1.5mm insulator thickness
    ️· P: Locating pegs
    ️· BR: Board retention



    ## Certifications

    ️· UL Recognized File No. E224053
    ️· CSA Certified File No. LR1578596

    # 2.00mm PIN HEADERS
    .079" [2.00] CENTERLINE

    Series Overview: Adam Tech 2PH & D2PH Series 2.0mm Pin Headers offer a range of fine-pitched headers in single, dual, or three rows, straight or right-angle configurations, suitable for Thru-Hole or SMT mounting.

    ## Ordering Information

    Series Indicators
    ️· 2PH1: 2.00mm Single Row Straight Pin Header
    ️· 2PH2: 2.00mm Dual Row Straight Pin Header
    ️· 2PH1R: 2.00mm Single Row Right Angle Pin Header
    ️· 2PH2R: 2.00mm Dual Row Right Angle Pin Header
    ️· D2PH: 2mm Dual Insulator Pin Header

    Positions
    ️· Single Row: 1-40
    ️· Dual Row: 2-80

    Pin Length
    ️· A: Standard
    ️· B: Customer-specified

    Plating
    ️· U: Gold flash over nickel underplate
    ️· T: Tin over copper underplate
    ️· SG: Selective gold plating on contact area, tin plating on solder tails

    ## Features

    ️· Single, Dual, or Three Row
    ️· Tin, gold, or selective gold plating options
    ️· Thru-hole or SMT mounting
    ️· Stacked and custom length versions available
    ️· Breakaway design
    ️· Hi-Temp insulator available

    ## Specifications

    ️· Material:
    - Standard Insulator: PBT, glass reinforced, UL94V-0 rated
    - Hi-Temp Insulator: Nylon 6T, UL94V-0 rated
    ️· Electrical:
    - Operating Voltage: 250V AC max.
    - Current Rating: 1 Amp max.
    - Contact Resistance: 20 mΩ max. initial
    - Insulation Resistance: 5000 MΩ min.
    - Dielectric Withstanding Voltage: 1000V AC for 1 minute
    ️· Mechanical:
    - Mating Durability: 1,000 cycles
    ️· Temperature Rating:
    - Operating Temperature: -55°C to +105°C
    - Soldering Process Temperature: 260°C

    ## Options

    ️· SMT: Surface Mount leads (Dual Row)
    ️· SMT-A: Surface Mount leads Type A
    ️· SMT-B: Surface Mount Leads Type B
    ️· HT: Hi-Temp insulator (Thru-hole products only)
    ️· L: Low profile 1.5mm insulator thickness
    ️· P: Locating pegs
    ️· BR: Board retention



    ## Certifications

    ️· UL Recognized File No. E224053
    ️· CSA Certified File No. LR1578596

    Part No.2PH11TB
    ManufacturerADAM-TECH
    Size109 Kbytes
    Pages1 page
    Description2.00mm PIN HEADERS .079 [2.00] CENTERLINE