전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

310-024105-011 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 310-024105-011 Datasheet

  • # Example questions: ➢ What is the maximum allowable vswr for this lna?
    ➢ How is the dc power supplied to this preamplifier?
    ➢ What type of connectors are used for the antenna and receiver ports?

  • Part No.310-024105-011
    ManufacturerSPECTRUM
    Size583 Kbytes
    Pages2 pages
    DescriptionFiltered Low Noise Amplier
    Datasheet Summary with AI

    # Filtered Low Noise Amplifier

    ## Specifications

    General
    ️· Part Number: 310-024105-011
    ️· Frequency: 1575.42 MHz (L1 Band)
    ️· Application: GPS Applications
    ️· Bandwidth: 30 MHz min.
    ️· Temperature Range: -40˚C to +71˚C

    Performance
    ️· Noise Figure: 1.6 dB (typical), 2.0 dB (max)
    ️· Gain: 26 dB +/- 0.5 dB
    ️· Gain Flatness: +/- 0.5 dB
    ️· VSWR: 1.5:1 max.
    ️· Rejection: 40 dB @ 1050, 1410, 1710 MHz

    Mechanical
    ️· Dimensions: 2.20" ø x 0.080" H (excluding connectors)

    ️· Connectors: SMA Female (Antenna & Receiver), External Bias
    ️· Housing: Machined Aluminum with Nickel Plate Finish

    Power
    ️· DC Power: 5-16 VDC (Coaxial or External Bias)

    Features
    ️· Filtered preamp
    ️· Lightweight aluminum housing
    ️· Coaxial and external bias options
    ️· Environmental sealing available
    ️· Application specific packages available
    ️· L5 configurations available upon request

    Optional Accessories
    ️· Bias cable: P/N: A020-0560

    Available Data
    ️· S-Parameters and noise data available on the Spectrum Microwave website.

    # Filtered Low Noise Amplifier

    ## Specifications

    General
    ️· Part Number: 310-024105-011
    ️· Frequency: 1575.42 MHz (L1 Band)
    ️· Application: GPS Applications
    ️· Bandwidth: 30 MHz min.
    ️· Temperature Range: -40˚C to +71˚C

    Performance
    ️· Noise Figure: 1.6 dB (typical), 2.0 dB (max)
    ️· Gain: 26 dB +/- 0.5 dB
    ️· Gain Flatness: +/- 0.5 dB
    ️· VSWR: 1.5:1 max.
    ️· Rejection: 40 dB @ 1050, 1410, 1710 MHz

    Mechanical
    ️· Dimensions: 2.20" ø x 0.080" H (excluding connectors)
    ️· Connectors: SMA Female (Antenna & Receiver), External Bias
    ️· Housing: Machined Aluminum with Nickel Plate Finish

    Power
    ️· DC Power: 5-16 VDC (Coaxial or External Bias)

    Features
    ️· Filtered preamp
    ️· Lightweight aluminum housing
    ️· Coaxial and external bias options
    ️· Environmental sealing available
    ️· Application specific packages available
    ️· L5 configurations available upon request

    Optional Accessories
    ️· Bias cable: P/N: A020-0560

    Available Data
    ️· S-Parameters and noise data available on the Spectrum Microwave website.

    Part No.310-024105-011
    ManufacturerSPECTRUM
    Size583 Kbytes
    Pages2 pages
    DescriptionFiltered Low Noise Amplier