| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 310-024109-011 Datasheet
# Example questions:
➢ What is the maximum vswr this lna can handle?
➢ What is the minimum operating temperature for this lna?
➢ How is the dc power supplied to this preamplifier?
# Filtered Low Noise Amplifier
## Overview
Designed for GPS applications at 1575 MHz, this amplifier provides filtered, low-noise gain for reliable signal amplification. It reduces out-of-band interference and maintains receiving system sensitivity.
## Features
· Noise Figure: 1.6 dB typical
· Bandwidth: 30 MHz min.
· Gain: 45 dB +/- 3.0 dB
· Rejection: 40 dB @ 1050, 1410, 1710 MHz
· Lightweight aluminum housing
· Single band (L1) performance
· Coaxial and external bias options
· Operating Temperature: -40˚C to +71˚C
## Specifications
· Frequency: 1575.42 MHz (L1)
· VSWR: 1.5:1 max.
· Gain Flatness: +/-0.5 dB
· DC Power: 5-16 VDC
· Bias: Coaxial Bias
## Connections & Dimensions
· Antenna port: J1
· Receiver port: J2
· External bias: J3
· Connector Type: SMA female
· Dimensions: 2.20"ø x 0.080"H (excluding connectors)
· Optional Bias Cable P/N: A020-0560
## Noise Figures
| GPS Band | Freq (MHz) | NF (dB) |
|---|---|---|
| L1 | 1565 | 1.60 |
| L1 | 1575 | 1.60 |
| L1 | 1585 | 1.60 |
## Resources
· S-Parameters available on website: www.SpectrumMicrowave.com
# Filtered Low Noise Amplifier
## Overview
Designed for GPS applications at 1575 MHz, this amplifier provides filtered, low-noise gain for reliable signal amplification. It reduces out-of-band interference and maintains receiving system sensitivity.
## Features
· Noise Figure: 1.6 dB typical
· Bandwidth: 30 MHz min.
· Gain: 45 dB +/- 3.0 dB
· Rejection: 40 dB @ 1050, 1410, 1710 MHz
· Lightweight aluminum housing
· Single band (L1) performance
· Coaxial and external bias options
· Operating Temperature: -40˚C to +71˚C
## Specifications
· Frequency: 1575.42 MHz (L1)
· VSWR: 1.5:1 max.
· Gain Flatness: +/-0.5 dB
· DC Power: 5-16 VDC
· Bias: Coaxial Bias
## Connections & Dimensions
· Antenna port: J1
· Receiver port: J2
· External bias: J3
· Connector Type: SMA female
· Dimensions: 2.20"ø x 0.080"H (excluding connectors)
· Optional Bias Cable P/N: A020-0560
## Noise Figures
| GPS Band | Freq (MHz) | NF (dB) |
|---|---|---|
| L1 | 1565 | 1.60 |
| L1 | 1575 | 1.60 |
| L1 | 1585 | 1.60 |
| Part No. | 310-024109-011 |
| Manufacturer | SPECTRUM |
| Size | 582 Kbytes |
| Pages | 2 pages |
| Description | Filtered Low Noise Amplier |