| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 310-025103-011 Datasheet
# Example questions:
➢ What is the minimum bandwidth supported by this low noise amplifier?
➢ How can this preamplifier be powered, and what is the acceptable dc voltage range?
➢ What type of connectors are used for the antenna and receiver ports?
# Filtered Low Noise Amplifier
## Overview
For GPS Applications - 1227 MHz / 1575 MHz. Provides filtered, low-noise gain for reliable performance, reducing out-of-band interference.
## Features
· Noise Figure: 1.6 dB typical / 2.0 dB max
· Bandwidth: 30 MHz min
· Gain: 14 dB min
· Gain Flatness: +/- 0.5 dB
· Rejection: 40 dB @ 1050, 1410, 1710 MHz
· Bias: Coaxial Bias
· DC Power: 5-16 VDC
· Temperature Range: -40˚C to +71˚C
· Double-diplexed preamp filters
· Lightweight aluminum housing
· Dual band (L1 and L2) performance
· Coaxial and external bias options
· Environmental sealing available (optional)
· Application specific packages available (optional)
· Suitable for new L2-C signals
· L5 configurations available upon request
## Connections & Dimensions
· Antenna Port: J1 (SMA Female)
· Receiver Port: J2 (SMA Female)
· Dimensions: 2.20" diameter x 0.080" height (excluding connectors)
· Chassis Material: Machined aluminum with nickel plate finish
## Performance Specifications
· Frequency: 1575.42 MHz (L1), 1227.60 MHz (L2)
· VSWR: 1.5:1 max.
# Filtered Low Noise Amplifier
## Overview
For GPS Applications - 1227 MHz / 1575 MHz. Provides filtered, low-noise gain for reliable performance, reducing out-of-band interference.
## Features
· Noise Figure: 1.6 dB typical / 2.0 dB max
· Bandwidth: 30 MHz min
· Gain: 14 dB min
· Gain Flatness: +/- 0.5 dB
· Rejection: 40 dB @ 1050, 1410, 1710 MHz
· Bias: Coaxial Bias
· DC Power: 5-16 VDC
· Temperature Range: -40˚C to +71˚C
· Double-diplexed preamp filters
· Lightweight aluminum housing
· Dual band (L1 and L2) performance
· Coaxial and external bias options
· Environmental sealing available (optional)
· Application specific packages available (optional)
· Suitable for new L2-C signals
· L5 configurations available upon request
## Connections & Dimensions
· Antenna Port: J1 (SMA Female)
· Receiver Port: J2 (SMA Female)
· Dimensions: 2.20" diameter x 0.080" height (excluding connectors)
· Chassis Material: Machined aluminum with nickel plate finish
## Performance Specifications
· Frequency: 1575.42 MHz (L1), 1227.60 MHz (L2)
· VSWR: 1.5:1 max.
| Part No. | 310-025103-011 |
| Manufacturer | SPECTRUM |
| Size | 575 Kbytes |
| Pages | 2 pages |
| Description | Filtered Low Noise Amplier |