전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

310-025107-012 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 310-025107-012 Datasheet

  • # Example questions: ➢ What frequencies does this lna reject signals at with a minimum of 40 db attenuation?
    ➢ How is the dc power supplied to this preamplifier, and what is the acceptable voltage range?
    ➢ What is the maximum vswr that this low noise amplifier can handle?

  • Part No.310-025107-012
    ManufacturerSPECTRUM
    Size530 Kbytes
    Pages2 pages
    DescriptionFiltered Low Noise Amplier
    Datasheet Summary with AI

    # Filtered Low Noise Amplifier

    ## Overview
    For GPS Applications - 1227 MHz/1575 MHz. Provides filtered, low-noise gain for applications requiring high reliability. Reduces out-of-band interference and achieves high dynamic range.

    ## Features
    · Noise Figure: 1.6 dB typical, 2.0 dB max.
    · Filters: Double-diplexed preamp filters.
    · Housing: Lightweight aluminum.
    · Performance: Dual band (L1 & L2) performance.
    · Bias: Coaxial & external bias options.
    · Additional: Environmental sealing, application-specific packages, suitable for L2-C signals, L5 configurations available upon request.

    ## Specifications
    · Frequency: 1575.42 MHz (L1), 1227.60 MHz (L2)
    · Bandwidth: 30 MHz min.
    · VSWR: 1.5:1 max.
    · Gain: 34 dB +/- 2.0 dB
    · Gain Flatness: +/- 0.5 dB
    · Rejection: 40 dB @ 1050, 1410, 1710 MHz

    · DC Power: 16-32 VDC
    · Temperature Range: -40˚C to +71˚C

    ## Connections & Dimensions
    · Antenna Port: J1
    · Receiver Port: J2
    · Connector Type: SMA female
    · Dimensions: 2.20"ø x 0.080"H (excluding connectors)
    · Chassis Material: Machined aluminum with nickel plate finish.

    ## Part Number
    · P/N: 310-025107-012

    # Filtered Low Noise Amplifier

    ## Overview
    For GPS Applications - 1227 MHz/1575 MHz. Provides filtered, low-noise gain for applications requiring high reliability. Reduces out-of-band interference and achieves high dynamic range.

    ## Features
    · Noise Figure: 1.6 dB typical, 2.0 dB max.
    · Filters: Double-diplexed preamp filters.
    · Housing: Lightweight aluminum.
    · Performance: Dual band (L1 & L2) performance.
    · Bias: Coaxial & external bias options.
    · Additional: Environmental sealing, application-specific packages, suitable for L2-C signals, L5 configurations available upon request.

    ## Specifications
    · Frequency: 1575.42 MHz (L1), 1227.60 MHz (L2)
    · Bandwidth: 30 MHz min.
    · VSWR: 1.5:1 max.
    · Gain: 34 dB +/- 2.0 dB
    · Gain Flatness: +/- 0.5 dB
    · Rejection: 40 dB @ 1050, 1410, 1710 MHz
    · DC Power: 16-32 VDC
    · Temperature Range: -40˚C to +71˚C

    ## Connections & Dimensions
    · Antenna Port: J1
    · Receiver Port: J2
    · Connector Type: SMA female
    · Dimensions: 2.20"ø x 0.080"H (excluding connectors)
    · Chassis Material: Machined aluminum with nickel plate finish.

    ## Part Number
    · P/N: 310-025107-012

    Part No.310-025107-012
    ManufacturerSPECTRUM
    Size530 Kbytes
    Pages2 pages
    DescriptionFiltered Low Noise Amplier