전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC30A-120K-RC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MC30A-120K-RC Datasheet

  • # Example questions: ➢ What is the dcr max. value for the mc30a-270k-rc part number?
    ➢ What test equipment is recommended for measuring the inductance and q factor of a component with an inductance between .01µh and 82µh?
    ➢ What is the maximum operating temperature for these molded chip inductors?

  • Part No.MC30A-120K-RC
    ManufacturerALLIED
    Size370 Kbytes
    Pages1 page
    DescriptionMolded Chip Inductors
    Datasheet Summary with AI

    # MC30A Molded Chip Inductors

    ## Features
    · 1812 Molded Chip Inductor
    · Welded internal lead frame to coil
    · Excellent Solder Heat Resistance
    · Available in 5%, 20% tolerances

    ## Electrical Characteristics
    · Inductance Range: 10µh ~ 1000µh
    · Test Frequency: 10µh ~ 82µh @ 2.52MHz; 100µh ~ 820µh @ .796MHz
    · Operating Temperature: -25ºC ~ +85ºC @ 75% RH
    · IDC (Current): Current at which inductance drops no more than 10% at 1MHz, 1V.

    ## Resistance to Soldering Heat
    · Pre-heating: 150ºC, 1min
    · Solder Composition: Sn/Ag3.0/Cu0.5
    · Solder Temperature: 245 ± 5ºC
    · Immersion Time: 4 ± 1sec

    ## Test Equipment
    · (L/Q) measurements: HP4287A + HP16034E (.01µh~82µh); HP4292A + HP16034E (100µh~470µh)
    · (RDC): HP4284A + HP42841A/WK3260B
    · (SRF): HP4291A

    ## Physical Specifications
    · Packaging: 500 pieces per 7 inch reel
    · Marking: EIA Inductance Code

    ## Part Number Table
    |Inductance (µh)|Tolerance (%)|Q (Min.)|Test Freq. (MHz)|SRF (Min.) (MHz)|DCR (Max.) (Ω)|IDC (mA)|
    |---|---|---|---|---|---|---|
    |10-1000|10|50|2.52/.796|20-8|1.6-7|250-30|
    *Refer to table for specific values.*

    ## Notes
    · Specifications subject to change without notice.
    · Available in tighter tolerances.

    # MC30A Molded Chip Inductors

    ## Features
    · 1812 Molded Chip Inductor
    · Welded internal lead frame to coil
    · Excellent Solder Heat Resistance
    · Available in 5%, 20% tolerances

    ## Electrical Characteristics
    · Inductance Range: 10µh ~ 1000µh
    · Test Frequency: 10µh ~ 82µh @ 2.52MHz; 100µh ~ 820µh @ .796MHz
    · Operating Temperature: -25ºC ~ +85ºC @ 75% RH
    · IDC (Current): Current at which inductance drops no more than 10% at 1MHz, 1V.

    ## Resistance to Soldering Heat
    · Pre-heating: 150ºC, 1min
    · Solder Composition: Sn/Ag3.0/Cu0.5
    · Solder Temperature: 245 ± 5ºC
    · Immersion Time: 4 ± 1sec

    ## Test Equipment
    · (L/Q) measurements: HP4287A + HP16034E (.01µh~82µh); HP4292A + HP16034E (100µh~470µh)
    · (RDC): HP4284A + HP42841A/WK3260B
    · (SRF): HP4291A

    ## Physical Specifications
    · Packaging: 500 pieces per 7 inch reel
    · Marking: EIA Inductance Code

    ## Part Number Table
    Inductance (µh) Tolerance (%) Q (Min.) Test Freq. (MHz) SRF (Min.) (MHz) DCR (Max.) (Ω) IDC (mA)
    10-1000 10 50 2.52/.796 20-8 1.6-7 250-30
    *Refer to table for specific values.*

    ## Notes
    · Specifications subject to change without notice.
    · Available in tighter tolerances.

    Part No.MC30A-120K-RC
    ManufacturerALLIED
    Size370 Kbytes
    Pages1 page
    DescriptionMolded Chip Inductors