| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LP3303 Datasheet
# Example questions:
➢ What inductor value range is recommended for applications driving 2 to 8 wleds with the lp3303?
➢ What is the typical feedback voltage of the lp3303?
➢ What is the frequency range for pwm dimming to minimize audio noise?
Chip Overview: LP3303 LED Driver
The LP3303 is a constant-current switching regulator designed to drive LEDs. It's intended for applications like:
️· Backlights
️· Portable devices (phones, etc.)
️· General LED lighting
Key Features:
️· Constant Current Regulation: Maintains a stable LED current regardless of input voltage or LED forward voltage variations.
️· Switching Regulator: Provides higher efficiency than linear regulators.
️· Adjustable Current: LED current is set by an external resistor (Rset).
️· Dimming Control: Supports PWM dimming via the CTRL pin and DC voltage dimming.
️· Protection Features:
- Over-Voltage Protection (OVP)
- Over-Current Protection (OCP)
- Under-Voltage Lockout (UVLO)
️· Compact Size: Designed for portable applications.
Electrical Characteristics (Important Parameters)
| Parameter | Symbol | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| Operating Input Voltage | VDD | 2.7 | - | 16 | V |
| Shutdown Supply Current | IDD | - | 0.1 | 1 | µA |
| Feedback Voltage | VFB | 191 | 200 | 210 | mV |
| Switching Frequency | FOSC | 0.9 | 1.0 | 1.2 | MHz |
| I<sub>LED</sub> (mA) | R<sub>SET</sub> (Ω) |
|---|---|
| 20 | 10 |
| 15 | 13.3 |
| 12 | 16.6 |
| 10 | 20 |
| 5 | 40 |
Chip Overview: LP3303 LED Driver
The LP3303 is a constant-current switching regulator designed to drive LEDs. It's intended for applications like:
️· Backlights
️· Portable devices (phones, etc.)
️· General LED lighting
Key Features:
️· Constant Current Regulation: Maintains a stable LED current regardless of input voltage or LED forward voltage variations.
️· Switching Regulator: Provides higher efficiency than linear regulators.
️· Adjustable Current: LED current is set by an external resistor (Rset).
️· Dimming Control: Supports PWM dimming via the CTRL pin and DC voltage dimming.
️· Protection Features:
- Over-Voltage Protection (OVP)
- Over-Current Protection (OCP)
- Under-Voltage Lockout (UVLO)
️· Compact Size: Designed for portable applications.
Electrical Characteristics (Important Parameters)
| Parameter | Symbol | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| Operating Input Voltage | VDD | 2.7 | - | 16 | V |
| Shutdown Supply Current | IDD | - | 0.1 | 1 | µA |
| Feedback Voltage | VFB | 191 | 200 | 210 | mV |
| Switching Frequency | FOSC | 0.9 | 1.0 | 1.2 | MHz |
| I<sub>LED</sub> (mA) | R<sub>SET</sub> (Ω) |
|---|---|
| 20 | 10 |
| 15 | 13.3 |
| 12 | 16.6 |
| 10 | 20 |
| 5 | 40 |
| Part No. | LP3303 |
| Manufacturer | POWER |
| Size | 375 Kbytes |
| Pages | 7 pages |
| Description | High Performance, Constant Current Switching Regulator For 9PCS White LED |