| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GL341D Datasheet
# Example questions:
➢ How does the operating junction temperature range compare across the gl341a, gl341b, and gl341d models?
➢ What material is used for the case of these rectifiers and what recognition does it have?
➢ What is the maximum average forward rectified current for the gl341m rectifier?
# GL341A thru GL341M - Standard Recovery Rectifiers
## Features
· Low power loss, high efficiency
· High surge current capability
· Low forward voltage drop
· Suitable for low voltage, high-frequency inverters and free-wheeling applications
· Guarding for over-voltage protection
· Case: Molded plastic (UL94V-0 recognized flame retardant epoxy)
· Terminals: Plated
· Polarity: Color band on body denotes cathode
· Mounting position: Any
· Weight: 0.0317 gram
## Electrical Characteristics (Typical Values)
| Parameter | GL341A | GL341B | GL341D | GL341G | GL341J | GL341K | GL341M | Units |
| --------------------------------- | ------- | ------- | ------- | ------- | ------- | ------- | ------- | ----- |
| Maximum Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage (VDC)| 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Average Forward Current (I(AV)) | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | Amps |
| Peak Forward Surge Current (IFSM) | 10 | 10 | 10 | 10 | 10 | 10 | 10 | Amps |
| Instantaneous Forward Voltage (VF)| 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
| DC Reverse Current (IR) | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | mA |
| Junction Capacitance (CJ) | 15 | 15 | 15 | 15 | 15 | 15 | 15 | pF |
| Thermal Resistance (R JC) | 125 | 125 | 125 | 125 | 125 | 125 | 125 | °C/W |
| Operating Temperature Range (TJ/TSTG) | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
## Dimensions
· DO-213AA / MINI MELF package. See datasheet for detailed dimensions in inches (millimeters).
## Notes
· For capacitive loads, derate current by 20%.
· www.paceleader.tw
# GL341A thru GL341M - Standard Recovery Rectifiers
## Features
· Low power loss, high efficiency
· High surge current capability
· Low forward voltage drop
· Suitable for low voltage, high-frequency inverters and free-wheeling applications
· Guarding for over-voltage protection
· Case: Molded plastic (UL94V-0 recognized flame retardant epoxy)
· Terminals: Plated
· Polarity: Color band on body denotes cathode
· Mounting position: Any
· Weight: 0.0317 gram
## Electrical Characteristics (Typical Values)
| Parameter | GL341A | GL341B | GL341D | GL341G | GL341J | GL341K | GL341M | Units |
|---|---|---|---|---|---|---|---|---|
| Maximum Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage (VDC) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Average Forward Current (I(AV)) | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | Amps |
| Peak Forward Surge Current (IFSM) | 10 | 10 | 10 | 10 | 10 | 10 | 10 | Amps |
| Instantaneous Forward Voltage (VF) | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
| DC Reverse Current (IR) | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | 5.0/250 | mA |
| Junction Capacitance (CJ) | 15 | 15 | 15 | 15 | 15 | 15 | 15 | pF |
| Thermal Resistance (R JC) | 125 | 125 | 125 | 125 | 125 | 125 | 125 | °C/W |
| Operating Temperature Range (TJ/TSTG) | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Part No. | GL341D |
| Manufacturer | PACELEADER |
| Size | 383 Kbytes |
| Pages | 2 pages |
| Description | STANDARD RECOVERY RECTIFIERS |