| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SP9801 Datasheet
# Example questions:
➢ What input voltage range is acceptable for the sp9801 power supply?
➢ Which connector type is recommended for the ac power input to the sp9801?
➢ What is the typical efficiency of the sp9801 power supply?
# SP9801 Series - 15W Switching Power Supply
## Features
· Low cost
· Universal Input: 90-264 Vac
· Compliance: CISPR’B’ & CNS‘B’
· 100% Burn-In Test
· Over Voltage Protection (Installation)
· Short-Circuit Protection (Installation)
· Auto-Recovery Protection
## Specifications
· Input Voltage: 90-264 Vac
· Input Frequency: 47-63 Hz
· Efficiency: 70% (typical)
· Operating Temperature: 0 ~ 50 ℃
· Storage Temperature: -20 ~ 85 ℃
· Weight: 140g
· Safety Approvals: UL, CUL, TUV
· Output Voltages: +5V (0.5A), +12V (0.65A)
· Load Regulation: ± 5.0% (Line), +9/-5% (Load)
· Ripple & Noise: 50mV, 120mV
· Connector Type: CN1 (TKP P-8800I or Equivalent / TKP H8800 or Equivalent)
## Mechanical
· AC Power Cord: IEC-320
· Socket: IEC-320 INALWAYS 0714 or Equivalent
# SP9801 Series - 15W Switching Power Supply
## Features
· Low cost
· Universal Input: 90-264 Vac
· Compliance: CISPR’B’ & CNS‘B’
· 100% Burn-In Test
· Over Voltage Protection (Installation)
· Short-Circuit Protection (Installation)
· Auto-Recovery Protection
## Specifications
· Input Voltage: 90-264 Vac
· Input Frequency: 47-63 Hz
· Efficiency: 70% (typical)
· Operating Temperature: 0 ~ 50 ℃
· Storage Temperature: -20 ~ 85 ℃
· Weight: 140g
· Safety Approvals: UL, CUL, TUV
· Output Voltages: +5V (0.5A), +12V (0.65A)
· Load Regulation: ± 5.0% (Line), +9/-5% (Load)
· Ripple & Noise: 50mV, 120mV
· Connector Type: CN1 (TKP P-8800I or Equivalent / TKP H8800 or Equivalent)
## Mechanical
· AC Power Cord: IEC-320
· Socket: IEC-320 INALWAYS 0714 or Equivalent
| Part No. | SP9801 |
| Manufacturer | BOTHHAND |
| Size | 50 Kbytes |
| Pages | 1 page |
| Description | 15 Watts Switching Power Supply |