전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1545FCT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SB1545FCT Datasheet

  • # Example questions: ➢ How does the maximum dc reverse current change between a temperature of 25°c and 125°c?
    ➢ What is the maximum peak forward surge current this rectifier can handle for an 8.3ms single half sine-wave?
    ➢ What is the maximum allowable operating junction temperature for this schottky barrier rectifier?

  • Part No.SB1545FCT
    ManufacturerGULFSEMI
    Size129 Kbytes
    Pages2 pages
    DescriptionSCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
    Datasheet Summary with AI

    # SB1545FCT Schottky Barrier Rectifier

    ## Features & General Information

    ️· Voltage: 45V
    ️· Current: 150A
    ️· Package: ITO-220AB
    ️· Polarity: Common Cathode
    ️· Mounting Position: Any
    ️· Flame Retardant: UL-94 Class V-0 recognized epoxy
    ️· Characteristics: High current capability, low forward voltage drop, low power loss, high efficiency, high surge capability.

    ## Electrical Characteristics

    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 45V
    ️· Maximum RMS Voltage (Vrms): 31.5V
    ️· Maximum DC Blocking Voltage (Vdc): 45V
    ️· Maximum Average Forward Rectified Current (If(av)) at Tc = 105°C: 15A
    ️· Peak Forward Surge Current (Ifsm) 8.3ms single half sine-wave: 150A
    ️· Maximum Forward Voltage at 15A (Vf): 0.84V

    ️· Maximum DC Reverse Current (Ir): 0.1mA @ 25°C, 15.0mA @ 125°C
    ️· Typical Thermal Resistance (Rθ(jc)): 5.0 °C/W

    ## Environmental & Operating Conditions

    ️· Operating Junction Temperature Range (Tj): -65°C to +150°C
    ️· Storage Temperature Range (Tstg): -65°C to +175°C
    ️· High temperature soldering guaranteed: 250°C / 10sec / 0.375" lead length at 5 lbs tension.

    ## Mechanical Data

    ️· Leads: Plated axial leads solderable per MIL-STD 202E, method 208C
    ️· Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy

    # SB1545FCT Schottky Barrier Rectifier

    ## Features & General Information

    ️· Voltage: 45V
    ️· Current: 150A
    ️· Package: ITO-220AB
    ️· Polarity: Common Cathode
    ️· Mounting Position: Any
    ️· Flame Retardant: UL-94 Class V-0 recognized epoxy
    ️· Characteristics: High current capability, low forward voltage drop, low power loss, high efficiency, high surge capability.

    ## Electrical Characteristics

    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 45V
    ️· Maximum RMS Voltage (Vrms): 31.5V
    ️· Maximum DC Blocking Voltage (Vdc): 45V
    ️· Maximum Average Forward Rectified Current (If(av)) at Tc = 105°C: 15A
    ️· Peak Forward Surge Current (Ifsm) 8.3ms single half sine-wave: 150A
    ️· Maximum Forward Voltage at 15A (Vf): 0.84V
    ️· Maximum DC Reverse Current (Ir): 0.1mA @ 25°C, 15.0mA @ 125°C
    ️· Typical Thermal Resistance (Rθ(jc)): 5.0 °C/W

    ## Environmental & Operating Conditions

    ️· Operating Junction Temperature Range (Tj): -65°C to +150°C
    ️· Storage Temperature Range (Tstg): -65°C to +175°C
    ️· High temperature soldering guaranteed: 250°C / 10sec / 0.375" lead length at 5 lbs tension.

    ## Mechanical Data

    ️· Leads: Plated axial leads solderable per MIL-STD 202E, method 208C
    ️· Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy

    Part No.SB1545FCT
    ManufacturerGULFSEMI
    Size129 Kbytes
    Pages2 pages
    DescriptionSCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A