| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SB2060FCT Datasheet
# Example questions:
➢ What is the typical thermal resistance from junction to case for the sb2060fct?
➢ What is the maximum allowable operating junction temperature for this schottky barrier rectifier?
➢ How much peak forward surge current can this rectifier handle for an 8.3ms single half sine-wave?
# SB2060FCT Schottky Barrier Rectifier
## General Description
️· Voltage: 60V
️· Current: 20.0A
️· Package: ITO-220AB
️· Polarity: Common Cathode
️· Mounting position: Any
## Features
️· High current capability
️· Low forward voltage drop
️· Low power loss, high efficiency
️· High surge capability
️· High temperature soldering guaranteed (250°C /10sec/0.375" lead length at 5 lbs tension)
## Mechanical Data
️· Plated axial leads, solderable per MIL-STD 202E, method 208C
️· Case: UL-94 Class V-0 Flame Retardant Epoxy
## Electrical Characteristics
️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 60V
️· Maximum RMS Voltage (Vrms): 42V
️· Maximum DC Blocking Voltage (Vdc): 60V
️· Maximum Average Forward Rectified Current (If(av)) at Tc=90°C: 20A
️· Peak Forward Surge Current (Ifsm) 8.3ms: 200A
️· Maximum Forward Voltage at 10A (Vf): 0.75V
️· Maximum DC Reverse Current (Ir) at Ta = 25°C: 0.5mA
️· Maximum DC Reverse Current (Ir) at Ta = 100°C: 100mA
️· Typical Thermal Resistance (Rth(jc)): 2.0 °C/W
## Operating Ranges
️· Operating Junction Temperature Range (Tj): -50 to +125 °C
️· Storage Temperature Range (Tstg): -50 to +150 °C
# SB2060FCT Schottky Barrier Rectifier
## General Description
️· Voltage: 60V
️· Current: 20.0A
️· Package: ITO-220AB
️· Polarity: Common Cathode
️· Mounting position: Any
## Features
️· High current capability
️· Low forward voltage drop
️· Low power loss, high efficiency
️· High surge capability
️· High temperature soldering guaranteed (250°C /10sec/0.375" lead length at 5 lbs tension)
## Mechanical Data
️· Plated axial leads, solderable per MIL-STD 202E, method 208C
️· Case: UL-94 Class V-0 Flame Retardant Epoxy
## Electrical Characteristics
️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 60V
️· Maximum RMS Voltage (Vrms): 42V
️· Maximum DC Blocking Voltage (Vdc): 60V
️· Maximum Average Forward Rectified Current (If(av)) at Tc=90°C: 20A
️· Peak Forward Surge Current (Ifsm) 8.3ms: 200A
️· Maximum Forward Voltage at 10A (Vf): 0.75V
️· Maximum DC Reverse Current (Ir) at Ta = 25°C: 0.5mA
️· Maximum DC Reverse Current (Ir) at Ta = 100°C: 100mA
️· Typical Thermal Resistance (Rth(jc)): 2.0 °C/W
## Operating Ranges
️· Operating Junction Temperature Range (Tj): -50 to +125 °C
️· Storage Temperature Range (Tstg): -50 to +150 °C
| Part No. | SB2060FCT |
| Manufacturer | GULFSEMI |
| Size | 91 Kbytes |
| Pages | 2 pages |
| Description | SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A |