전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB10200FCT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SB10200FCT Datasheet

  • # Example questions: ➢ How does the maximum dc reverse current change between a junction temperature of 25°c and 110°c?
    ➢ What is the maximum permissible storage temperature range for this schottky barrier rectifier?
    ➢ What is the typical thermal resistance from junction to case for the sb10200fct?

  • Part No.SB10200FCT
    ManufacturerGULFSEMI
    Size118 Kbytes
    Pages2 pages
    DescriptionSCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
    Datasheet Summary with AI

    # SB10200FCT Schottky Barrier Rectifier

    ## Features
    · Voltage: 200V
    · Current: 10.0A
    · Package: ITO-220AB
    · High current capability
    · Low forward voltage drop
    · Low power loss, high efficiency
    · High surge capability
    · High temperature soldering guaranteed (250°C / 10sec / 0.375" lead length at 5 lbs tension)

    ## Mechanical Data
    · Terminal: Plated insert leads, solderable per MIL-STD-750, Method 2026
    · Case: UL-94 Class V-0 Flame Retardant Epoxy
    · Polarity: Common Cathode
    · Mounting position: Any

    ## Electrical Characteristics
    · Maximum Recurrent Peak Reverse Voltage (Vrrm): 200V

    · Maximum RMS Voltage (Vrms): 140V
    · Maximum DC Blocking Voltage (Vdc): 200V
    · Maximum Average Forward Rectified Current (If(av)): 10A
    · Peak Forward Surge Current (Ifsm): 150A (8.3ms single half sine-wave)
    · Maximum Forward Voltage at 5A (Vf): 0.90V
    · Maximum DC Reverse Current (Ir): 50μA at 25°C, 10mA at 110°C
    · Typical Thermal Resistance (Rth(jc)): 4.5 °C/W
    · Operating and Storage Temperature Range: -50 to +150 °C

    # SB10200FCT Schottky Barrier Rectifier

    ## Features
    · Voltage: 200V
    · Current: 10.0A
    · Package: ITO-220AB
    · High current capability
    · Low forward voltage drop
    · Low power loss, high efficiency
    · High surge capability
    · High temperature soldering guaranteed (250°C / 10sec / 0.375" lead length at 5 lbs tension)

    ## Mechanical Data
    · Terminal: Plated insert leads, solderable per MIL-STD-750, Method 2026
    · Case: UL-94 Class V-0 Flame Retardant Epoxy
    · Polarity: Common Cathode
    · Mounting position: Any

    ## Electrical Characteristics
    · Maximum Recurrent Peak Reverse Voltage (Vrrm): 200V
    · Maximum RMS Voltage (Vrms): 140V
    · Maximum DC Blocking Voltage (Vdc): 200V
    · Maximum Average Forward Rectified Current (If(av)): 10A
    · Peak Forward Surge Current (Ifsm): 150A (8.3ms single half sine-wave)
    · Maximum Forward Voltage at 5A (Vf): 0.90V
    · Maximum DC Reverse Current (Ir): 50μA at 25°C, 10mA at 110°C
    · Typical Thermal Resistance (Rth(jc)): 4.5 °C/W
    · Operating and Storage Temperature Range: -50 to +150 °C

    Part No.SB10200FCT
    ManufacturerGULFSEMI
    Size118 Kbytes
    Pages2 pages
    DescriptionSCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A