전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5585 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC5585 Datasheet

  • # Example questions: ➢ What are the minimum and maximum values for the storage temperature range of this transistor?
    ➢ What is the typical vce(sat) voltage when the collector current is 200ma and the base current is 10ma?
    ➢ What is the maximum continuous collector current this transistor can handle?

  • Part No.2SC5585
    ManufacturerWEITRON
    Size198 Kbytes
    Pages3 pages
    DescriptionNPN TRANSISTOR
    Datasheet Summary with AI

    # 2SC5585 NPN Transistor

    ## Features
    · High current capability.
    · Low VCE(sat) of 0.25V at IC = 200mA, IB = 10mA.
    · Pb-Free

    ## Maximum Ratings
    · V(BR)CBO (Collector-base breakdown voltage): 15V
    · V(BR)CEO (Collector-emitter breakdown voltage): 12V
    · V(BR)EBO (Emitter-base breakdown voltage): 6V
    · IC (Collector current - Continuous): 500mA
    · PC (Collector dissipation): 150mW
    · TJ (Junction temperature): 150°C
    · Tstg (Storage temperature): -55 to 150°C

    ## Electrical Characteristics (Tamb=25°C)
    · hFE (DC current gain): 270 - 680 (VCE=2V, IC=10mA)
    · VCE(sat) (Collector-emitter saturation voltage): 0.25V (IC=200mA, IB=10mA)
    · fT (Transition frequency): 320 MHz (VCE=2V, IC=10mA, f=100MHz)

    · Cob (Collector output capacitance): 7.5pF (VCB=10V, IE=0, f=1MHz)
    · ICBO (Collector cut-off current): 1.00 μA (VCB=15V, IE=0)
    · IEBO (Emitter cut-off current): 1.00 μA (VEB=6V, IC=0)

    ## Package Information
    · Package Type: SOT-523 (SC-75)
    · Marking: BX
    · Dimensions (mm):
    - A: 0.30 - 0.50
    - B: 0.70 - 0.90
    - C: 1.45 - 1.75
    - D: 0.50
    - E: 0.15 - 0.40
    - G: 0.80 - 1.00
    - H: 1.40 - 1.80
    - J: 0.00 - 0.10
    - K: 0.70 - 1.00
    - L: 0.37 - 0.48
    - M: 0.10 - 0.25

    # 2SC5585 NPN Transistor

    ## Features
    · High current capability.
    · Low VCE(sat) of 0.25V at IC = 200mA, IB = 10mA.
    · Pb-Free

    ## Maximum Ratings
    · V(BR)CBO (Collector-base breakdown voltage): 15V
    · V(BR)CEO (Collector-emitter breakdown voltage): 12V
    · V(BR)EBO (Emitter-base breakdown voltage): 6V
    · IC (Collector current - Continuous): 500mA
    · PC (Collector dissipation): 150mW
    · TJ (Junction temperature): 150°C
    · Tstg (Storage temperature): -55 to 150°C

    ## Electrical Characteristics (Tamb=25°C)
    · hFE (DC current gain): 270 - 680 (VCE=2V, IC=10mA)
    · VCE(sat) (Collector-emitter saturation voltage): 0.25V (IC=200mA, IB=10mA)
    · fT (Transition frequency): 320 MHz (VCE=2V, IC=10mA, f=100MHz)
    · Cob (Collector output capacitance): 7.5pF (VCB=10V, IE=0, f=1MHz)
    · ICBO (Collector cut-off current): 1.00 μA (VCB=15V, IE=0)
    · IEBO (Emitter cut-off current): 1.00 μA (VEB=6V, IC=0)

    ## Package Information
    · Package Type: SOT-523 (SC-75)
    · Marking: BX
    · Dimensions (mm):
    - A: 0.30 - 0.50
    - B: 0.70 - 0.90
    - C: 1.45 - 1.75
    - D: 0.50
    - E: 0.15 - 0.40
    - G: 0.80 - 1.00
    - H: 1.40 - 1.80
    - J: 0.00 - 0.10
    - K: 0.70 - 1.00
    - L: 0.37 - 0.48
    - M: 0.10 - 0.25

    Part No.2SC5585
    ManufacturerWEITRON
    Size198 Kbytes
    Pages3 pages
    DescriptionNPN TRANSISTOR