전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT424A12 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RT424A12 Datasheet

  • # Example questions: ➢ What is the maximum switching voltage for the contacts?
    ➢ What is the coil resistance for the a12 coil version?
    ➢ What is the ambient temperature range for operation of this relay?

  • Part No.RT424A12
    ManufacturerMACOM
    Size222 Kbytes
    Pages3 pages
    DescriptionPower PCB Relay RT2 bistable
    Datasheet Summary with AI

    # Power PCB Relay RT2 bistable

    Overview:

    ️· Configuration: 2-pole, 8A, 12-24VDC Coil.
    ️· Type: Polarized bistable DC relay.
    ️· Features: Reinforced insulation, RoHS compliant.
    ️· Applications: Battery-powered devices and systems requiring memory function.

    Key Specifications:

    ️· Coil Voltage: Options available with 12VDC or 24VDC coil voltage.
    ️· Coil Resistance (typical): 360 ohms (12VDC), 1440 ohms (24VDC).
    ️· Dielectric Strength: 5kV RMS.
    ️· Ambient Temperature: -40°C to +85°C.
    ️· Weight: 13g

    Electrical Characteristics (examples):

    | Parameter | 12VDC Coil | 24VDC Coil |

    |------------|--------------|--------------|
    | Coil Voltage | 12VDC | 24VDC |
    | Coil Resistance (typical) | 360 Ohms | 1440 Ohms |
    | Coil Power |403 mW | 650 mW |

    Product Key Table (Example Values):

    |Product Key|Version|Contacts|Cont. material|Coil|Part Number|
    |---|---|---|---|---|---|
    |RT|Type|Type|Type|Coil|Part Number|
    |8 A<br>pinning 5 mm<br>flux tight|2 CO contacts|AgNi 90/10|bistable<br>1 coil|12 VDC|
    | 8A <br>pinning 5 mm<br>flux tight| 2 CO contacts|AgNi 90/10|bistable<br>1 coil|24 VDC|

    # Power PCB Relay RT2 bistable

    Overview:

    ️· Configuration: 2-pole, 8A, 12-24VDC Coil.
    ️· Type: Polarized bistable DC relay.
    ️· Features: Reinforced insulation, RoHS compliant.
    ️· Applications: Battery-powered devices and systems requiring memory function.

    Key Specifications:

    ️· Coil Voltage: Options available with 12VDC or 24VDC coil voltage.
    ️· Coil Resistance (typical): 360 ohms (12VDC), 1440 ohms (24VDC).
    ️· Dielectric Strength: 5kV RMS.
    ️· Ambient Temperature: -40°C to +85°C.
    ️· Weight: 13g

    Electrical Characteristics (examples):

    Parameter 12VDC Coil 24VDC Coil
    Coil Voltage 12VDC 24VDC
    Coil Resistance (typical) 360 Ohms 1440 Ohms
    Coil Power 403 mW 650 mW

    Product Key Table (Example Values):

    Product Key Version Contacts Cont. material Coil Part Number
    RT Type Type Type Coil Part Number
    8 A<br>pinning 5 mm<br>flux tight 2 CO contacts AgNi 90/10 bistable<br>1 coil 12 VDC
    8A <br>pinning 5 mm<br>flux tight 2 CO contacts AgNi 90/10 bistable<br>1 coil 24 VDC

    Part No.RT424A12
    ManufacturerMACOM
    Size222 Kbytes
    Pages3 pages
    DescriptionPower PCB Relay RT2 bistable