전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS5115_TO-92 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS5115_TO-92 Datasheet

  • # Example questions: ➢ What is the gate to source cutoff voltage (vgs(off)) when the drain to source voltage (vds) is -15v and the drain cutoff current (id(off)) is -1na?
    ➢ What is the typical drain to source on voltage (vds(on)) when the gate to source voltage (vgs) is 0v and the drain current (id) is -15ma?
    ➢ What is the typical value for the forward transconductance (gfs) and under what test conditions is it measured?

  • Part No.LS5115_TO-92
    ManufacturerMICROSS
    Size307 Kbytes
    Pages1 page
    DescriptionP-CHANNEL JFET
    Datasheet Summary with AI

    1. General Description & Overview

    ️· Type: P-Channel JFET (Junction Field-Effect Transistor)
    ️· Replacement for: Silicon Controlled Rectifier 2N4905
    ️· Function: Used for switching and amplification applications.
    ️· Manufacturer: Linear Integrated Systems / Micross Components (Distributor)

    2. Absolute Maximum Ratings

    ️· BVGSS (Gate-Source Breakdown Voltage): 30 V
    ️· VGS(off) (Gate-Source Cutoff Voltage): 3 V to 6 V
    ️· VDS(on) (Drain-Source On Voltage): 0.5 V to 0.8 V
    ️· VDS(on) (Drain-Source On Voltage) @ ID = -3mA: 0.7 V
    ️· IDSS (Drain-Source Saturation Current): -15 mA to -60 mA
    ️· IGSS (Gate Reverse Current): -0.5 nA to -500 nA
    ️· IG (Gate Operating Current): -5 mA to -50mA
    ️· Continuous Power Dissipation: 500 mW
    ️· Gate Current (IG): -50 mA
    ️· Gate-to-Drain Voltage (VGDS): 30 V
    ️· Gate-to-Source Voltage (VGSS): 30 V
    ️· Operating Temperature: -55°C to +200°C
    ️· Pulse Test Conditions: PW ≤ 300 µs, Duty Cycle ≤ 3%

    3. Electrical Characteristics (Typical @ 25°C)

    ️· VGS(F) (Gate-Source Forward Voltage): -0.7 V to -1 V (IG = -1 mA, VDS = 0 V)
    ️· ID(off) (Drain Cutoff Current): -10mA to -500mA (VDS=-15V)
    ️· rDS(on) (Drain-Source On Resistance): Approximately 100 Ω (ID = -1 mA, VGS = 0 V)

    4. Dynamic Electrical Characteristics

    ️· gfs (Forward Transconductance): 4.5 mS (VDS = -15 V, ID = 1 mA, f = 1 kHz)
    ️· gos (Output Conductance): 20 µS
    ️· Ciss (Input Capacitance): 20-25 pF (VDS = -15 V, VGS = 0 V, f = 1 MHz)
    ️· Crss (Reverse Transfer Capacitance): 5-7 pF (VDS = 0 V, VGS = 7 V, f = 1 MHz)
    ️· en (Equivalent Noise Voltage): 20 nV/√Hz (VDG = 10 V, ID = 10 mA, f = 1 kHz)

    5. Switching Characteristics

    ️· td(on) (Turn-On Time): 10 ns (VGS(L) = -7 V, VGS(H) = 0 V)
    ️· tr (Turn-On Rise Time): 20 ns
    ️· td(off) (Turn-Off Time): 8 ns
    ️· tf (Turn-Off Fall Time): 30 ns

    6. Test Circuit Parameters (for Switching Times)

    ️· VDD: -6 V
    ️· VGG: 12 V
    ️· RL: 910 Ω
    ️· RG: 220 Ω
    ️· ID(on): -7 mA

    Key Takeaways and Considerations

    ️· P-Channel: It's a P-channel device, meaning the voltage polarities are inverted compared to an N-channel device.
    ️· Low On-Resistance: It has a relatively low on-resistance (rDS(on)), making it suitable for switching applications.
    ️· Switching Speed: The datasheet provides switching characteristics, enabling designers to evaluate its performance in high-speed circuits.
    ️· Datasheet Notes: Pay close attention to the notes regarding pulse test conditions and the limitations of these ratings.

    1. General Description & Overview

    ️· Type: P-Channel JFET (Junction Field-Effect Transistor)
    ️· Replacement for: Silicon Controlled Rectifier 2N4905
    ️· Function: Used for switching and amplification applications.
    ️· Manufacturer: Linear Integrated Systems / Micross Components (Distributor)

    2. Absolute Maximum Ratings

    ️· BVGSS (Gate-Source Breakdown Voltage): 30 V
    ️· VGS(off) (Gate-Source Cutoff Voltage): 3 V to 6 V
    ️· VDS(on) (Drain-Source On Voltage): 0.5 V to 0.8 V
    ️· VDS(on) (Drain-Source On Voltage) @ ID = -3mA: 0.7 V
    ️· IDSS (Drain-Source Saturation Current): -15 mA to -60 mA
    ️· IGSS (Gate Reverse Current): -0.5 nA to -500 nA
    ️· IG (Gate Operating Current): -5 mA to -50mA
    ️· Continuous Power Dissipation: 500 mW
    ️· Gate Current (IG): -50 mA
    ️· Gate-to-Drain Voltage (VGDS): 30 V
    ️· Gate-to-Source Voltage (VGSS): 30 V
    ️· Operating Temperature: -55°C to +200°C
    ️· Pulse Test Conditions: PW ≤ 300 µs, Duty Cycle ≤ 3%

    3. Electrical Characteristics (Typical @ 25°C)

    ️· VGS(F) (Gate-Source Forward Voltage): -0.7 V to -1 V (IG = -1 mA, VDS = 0 V)
    ️· ID(off) (Drain Cutoff Current): -10mA to -500mA (VDS=-15V)
    ️· rDS(on) (Drain-Source On Resistance): Approximately 100 Ω (ID = -1 mA, VGS = 0 V)

    4. Dynamic Electrical Characteristics

    ️· gfs (Forward Transconductance): 4.5 mS (VDS = -15 V, ID = 1 mA, f = 1 kHz)
    ️· gos (Output Conductance): 20 µS
    ️· Ciss (Input Capacitance): 20-25 pF (VDS = -15 V, VGS = 0 V, f = 1 MHz)
    ️· Crss (Reverse Transfer Capacitance): 5-7 pF (VDS = 0 V, VGS = 7 V, f = 1 MHz)
    ️· en (Equivalent Noise Voltage): 20 nV/√Hz (VDG = 10 V, ID = 10 mA, f = 1 kHz)

    5. Switching Characteristics

    ️· td(on) (Turn-On Time): 10 ns (VGS(L) = -7 V, VGS(H) = 0 V)
    ️· tr (Turn-On Rise Time): 20 ns
    ️· td(off) (Turn-Off Time): 8 ns
    ️· tf (Turn-Off Fall Time): 30 ns

    6. Test Circuit Parameters (for Switching Times)

    ️· VDD: -6 V
    ️· VGG: 12 V
    ️· RL: 910 Ω
    ️· RG: 220 Ω
    ️· ID(on): -7 mA

    Key Takeaways and Considerations

    ️· P-Channel: It's a P-channel device, meaning the voltage polarities are inverted compared to an N-channel device.
    ️· Low On-Resistance: It has a relatively low on-resistance (rDS(on)), making it suitable for switching applications.
    ️· Switching Speed: The datasheet provides switching characteristics, enabling designers to evaluate its performance in high-speed circuits.
    ️· Datasheet Notes: Pay close attention to the notes regarding pulse test conditions and the limitations of these ratings.

    Part No.LS5115_TO-92
    ManufacturerMICROSS
    Size307 Kbytes
    Pages1 page
    DescriptionP-CHANNEL JFET