전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSJ174_TO-92 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LSJ174_TO-92 Datasheet

  • # Example questions: ➢ What is the maximum drain to source saturation current (idss) of the lsj174?
    ➢ What package options are available for the lsj174?
    ➢ What is the typical gate to source forward voltage (vgs(f)) for the lsj174?

  • Part No.LSJ174_TO-92
    ManufacturerMICROSS
    Size305 Kbytes
    Pages1 page
    DescriptionP-CHANNEL JFET
    Datasheet Summary with AI

    # LSJ174 P-Channel JFET Summary

    ## Overview

    The LSJ174 is a P-Channel JFET designed as a direct replacement for the Siliconix J174. It's intended for use in analog switches, choppers, sample-and-hold circuits, and as a normally-on switch. It’s compatible with the J/SST111 n-channel family for simplified series-shunt switching.

    ## Key Features & Benefits:

    ️· Low On-Resistance: Minimizes signal loss.
    ️· Fast Switching Speed: Enables high-performance circuits.
    ️· Negligible Off-Error: Ensures accuracy in switching applications.
    ️· Good Frequency Response: Suitable for a wide range of frequencies.
    ️· Eliminates Additional Buffering: Simplifies circuit design.

    ## Absolute Maximum Ratings:

    ️· Storage Temperature: -55°C to +150°C
    ️· Operating Junction Temperature: -55°C to +135°C
    ️· Continuous Power Dissipation: 350mW
    ️· Gate-Drain Voltage: 30V
    ️· Gate-Source Voltage: 30V
    ️· Gate Current: -50mA

    ## Electrical Characteristics (at 25°C):

    ️· Gate-Source Breakdown Voltage: 30V
    ️· Gate-Source Forward Voltage: 0.7V
    ️· Gate-Source Cutoff Voltage: 5V to 10V
    ️· Drain-Source Saturation Current: -20mA to -135mA
    ️· Gate Reverse Current: 0.01nA to 1nA
    ️· Gate Operating Current: -0.01A to -0.01A
    ️· Drain Cutoff Current: 0 to -1
    ️· Drain-Source On-Resistance: 0 to 85Ω

    ## Switching Characteristics:

    ️· Turn-On Time: 10 ns
    ️· Rise Time: 15 ns
    ️· Turn-Off Time: 10 ns
    ️· Fall Time: 20 ns

    ## Switching Circuit Parameters (Example):

    ️· V<sub>DD</sub>: -10V
    ️· V<sub>GG</sub>: 20V
    ️· R<sub>L</sub>: 560Ω
    ️· R<sub>G</sub>: 100Ω
    ️· I<sub>D(on)</sub>: -15mA

    ## Available Packages:

    ️· TO-92
    ️· Bare Die (contact Micross for dimensions)

    Note: Refer to the datasheet for complete specifications and handling information. Information furnished is believed to be accurate but no responsibility is assumed for its use.

    # LSJ174 P-Channel JFET Summary

    ## Overview

    The LSJ174 is a P-Channel JFET designed as a direct replacement for the Siliconix J174. It's intended for use in analog switches, choppers, sample-and-hold circuits, and as a normally-on switch. It’s compatible with the J/SST111 n-channel family for simplified series-shunt switching.

    ## Key Features & Benefits:

    ️· Low On-Resistance: Minimizes signal loss.
    ️· Fast Switching Speed: Enables high-performance circuits.
    ️· Negligible Off-Error: Ensures accuracy in switching applications.
    ️· Good Frequency Response: Suitable for a wide range of frequencies.
    ️· Eliminates Additional Buffering: Simplifies circuit design.

    ## Absolute Maximum Ratings:

    ️· Storage Temperature: -55°C to +150°C
    ️· Operating Junction Temperature: -55°C to +135°C
    ️· Continuous Power Dissipation: 350mW
    ️· Gate-Drain Voltage: 30V
    ️· Gate-Source Voltage: 30V
    ️· Gate Current: -50mA

    ## Electrical Characteristics (at 25°C):

    ️· Gate-Source Breakdown Voltage: 30V
    ️· Gate-Source Forward Voltage: 0.7V
    ️· Gate-Source Cutoff Voltage: 5V to 10V
    ️· Drain-Source Saturation Current: -20mA to -135mA
    ️· Gate Reverse Current: 0.01nA to 1nA
    ️· Gate Operating Current: -0.01A to -0.01A
    ️· Drain Cutoff Current: 0 to -1
    ️· Drain-Source On-Resistance: 0 to 85Ω

    ## Switching Characteristics:

    ️· Turn-On Time: 10 ns
    ️· Rise Time: 15 ns
    ️· Turn-Off Time: 10 ns
    ️· Fall Time: 20 ns

    ## Switching Circuit Parameters (Example):

    ️· V<sub>DD</sub>: -10V
    ️· V<sub>GG</sub>: 20V
    ️· R<sub>L</sub>: 560Ω
    ️· R<sub>G</sub>: 100Ω
    ️· I<sub>D(on)</sub>: -15mA

    ## Available Packages:

    ️· TO-92
    ️· Bare Die (contact Micross for dimensions)

    Note: Refer to the datasheet for complete specifications and handling information. Information furnished is believed to be accurate but no responsibility is assumed for its use.

    Part No.LSJ174_TO-92
    ManufacturerMICROSS
    Size305 Kbytes
    Pages1 page
    DescriptionP-CHANNEL JFET