| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2N6079 Datasheet
# Example questions:
➢ What is the typical value for the dc current gain (hfe) when the collector current is 2a and the collector-emitter voltage is 1v?
➢ How does the thermal resistance junction to case (rth j-c) affect the transistor's heat dissipation?
➢ What is the maximum collector current (ic) this transistor can handle?
# Silicon NPN Power Transistors 2N6077 2N6078 2N6079
## Description
· TO-66 package
· Low collector saturation voltage
· High breakdown voltage
## Applications
· Horizontal deflection output stages for TVs and CRTs
## Pinning
· 1: Base
· 2: Emitter
· 3: Collector
## Absolute Maximum Ratings (Ta=℃)
| Parameter | 2N6077 | 2N6078 | 2N6079 | Unit |
|---|---|---|---|---|
| VCBO (Collector-base voltage) | 300 V | 275 V | 375 V | V |
| VCEO (Collector-emitter voltage) | 275 V | 250 V | 350 V | V |
| VEBO (Emitter-base voltage) | 6 V | N/A | N/A | V |
| IC (Collector current) | 7 A | N/A | N/A | A |
| PD (Total Power Dissipation) | 45 W | N/A | N/A | W |
| Tj (Junction temperature) | 150 ℃ | N/A | N/A | ℃ |
| Tstg (Storage temperature) | -65~200 ℃ | N/A | N/A | ℃ |
| Parameter | 2N6077 | 2N6078 | 2N6079 | Unit |
|---|---|---|---|---|
| VCEO(SUS) (Collector-emitter sustaining voltage) | 275 V | 250 V | 350 V | V |
| VCEsat (Collector-emitter saturation voltage) | 1.0 V | N/A | N/A | V |
| VBEsat (Base-emitter saturation voltage) | 1.2 V | N/A | N/A | V |
| ICEO (Collector cut-off current) | 2.0 mA | N/A | N/A | mA |
| ICEX (Collector cut-off current) | 0.1 mA @ TC=125℃ | N/A | N/A | mA |
| ICBO (Collector cut-off current) | 0.1 mA | N/A | N/A | mA |
| IEBO (Emitter cut-off current) | 1.0 mA | N/A | N/A | mA |
| hFE (DC current gain) | 12-70 | N/A | N/A | |
| fT (Transition frequency) | 7 MHz | N/A | N/A | MHz |
# Silicon NPN Power Transistors 2N6077 2N6078 2N6079
## Description
· TO-66 package
· Low collector saturation voltage
· High breakdown voltage
## Applications
· Horizontal deflection output stages for TVs and CRTs
## Pinning
· 1: Base
· 2: Emitter
· 3: Collector
## Absolute Maximum Ratings (Ta=℃)
| Parameter | 2N6077 | 2N6078 | 2N6079 | Unit |
|---|---|---|---|---|
| VCBO (Collector-base voltage) | 300 V | 275 V | 375 V | V |
| VCEO (Collector-emitter voltage) | 275 V | 250 V | 350 V | V |
| VEBO (Emitter-base voltage) | 6 V | N/A | N/A | V |
| IC (Collector current) | 7 A | N/A | N/A | A |
| PD (Total Power Dissipation) | 45 W | N/A | N/A | W |
| Tj (Junction temperature) | 150 ℃ | N/A | N/A | ℃ |
| Tstg (Storage temperature) | -65~200 ℃ | N/A | N/A | ℃ |
| Parameter | 2N6077 | 2N6078 | 2N6079 | Unit |
|---|---|---|---|---|
| VCEO(SUS) (Collector-emitter sustaining voltage) | 275 V | 250 V | 350 V | V |
| VCEsat (Collector-emitter saturation voltage) | 1.0 V | N/A | N/A | V |
| VBEsat (Base-emitter saturation voltage) | 1.2 V | N/A | N/A | V |
| ICEO (Collector cut-off current) | 2.0 mA | N/A | N/A | mA |
| ICEX (Collector cut-off current) | 0.1 mA @ TC=125℃ | N/A | N/A | mA |
| ICBO (Collector cut-off current) | 0.1 mA | N/A | N/A | mA |
| IEBO (Emitter cut-off current) | 1.0 mA | N/A | N/A | mA |
| hFE (DC current gain) | 12-70 | N/A | N/A | |
| fT (Transition frequency) | 7 MHz | N/A | N/A | MHz |
| Part No. | 2N6079 |
| Manufacturer | ISC |
| Size | 140 Kbytes |
| Pages | 3 pages |
| Description | Silicon NPN Power Transistors |