전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS22M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SS22M_12 Datasheet

  • # Example questions: ➢ What is the maximum allowable current for the ss23m when used with a capacitive load?
    ➢ How does the typical junction capacitance change with increasing reverse voltage?
    ➢ What is the operating temperature range for both the ss22m and ss23m?

  • Part No.SS22M_12
    ManufacturerTSC
    Size212 Kbytes
    Pages2 pages
    Description2.0AMPS. Surface Mount Schottky Barrier Rectifiers
    Datasheet Summary with AI

    # SS22M - SS23M Schottky Barrier Rectifiers

    ## Features
    ️· Very low profile: 0.68mm typical height
    ️· Suitable for automated placement
    ️· Low forward voltage drop & high efficiency
    ️· UL 94V-0 flame retardancy
    ️· MSL level 1, lead-free compliant
    ️· RoHS & WEEE compliant
    ️· Halogen-free
    ️· Green compound
    ️· Matte tin plated, solderable leads

    ## Electrical Characteristics
    ️· Maximum Repetitive Peak Reverse Voltage (VRRM): 20V (SS22M), 30V (SS23M)
    ️· Maximum Average Forward Rectified Current (IF(AV)): 2A (Both)
    ️· Peak Forward Surge Current (IFSM): 25A
    ️· Typical Forward Voltage (VF) @ 1.0A/25°C: 0.37V (SS22M), 0.45V (SS23M)
    ️· Typical Forward Voltage (VF) @ 2.0A/25°C: 0.50V (SS22M), 0.60V (SS23M)
    ️· Typical Junction Capacitance (Cj): 35pF

    ️· Maximum Reverse Current (IR): 150uA (SS22M, @25°C), 15mA (@125°C)

    ## Mechanical Characteristics
    ️· Case: Micro SMA
    ️· Packaging: 8mm tape per EIA Std RS-481
    ️· Weight: 0.006 grams
    ️· Solder Dip: 265°C max, 10s

    ## Thermal Characteristics
    ️· Thermal Resistance (RθJA): 105°C/W (Both)
    ️· Operating Temperature (TJ): -55 to +150°C
    ️· Storage Temperature (TSTG): -55 to +150°C

    ## Applications
    ️· Low voltage, high-frequency inverters
    ️· Freewheeling diodes
    ️· DC-DC converters
    ️· Polarity protection

    # SS22M - SS23M Schottky Barrier Rectifiers

    ## Features
    ️· Very low profile: 0.68mm typical height
    ️· Suitable for automated placement
    ️· Low forward voltage drop & high efficiency
    ️· UL 94V-0 flame retardancy
    ️· MSL level 1, lead-free compliant
    ️· RoHS & WEEE compliant
    ️· Halogen-free
    ️· Green compound
    ️· Matte tin plated, solderable leads

    ## Electrical Characteristics
    ️· Maximum Repetitive Peak Reverse Voltage (VRRM): 20V (SS22M), 30V (SS23M)
    ️· Maximum Average Forward Rectified Current (IF(AV)): 2A (Both)
    ️· Peak Forward Surge Current (IFSM): 25A
    ️· Typical Forward Voltage (VF) @ 1.0A/25°C: 0.37V (SS22M), 0.45V (SS23M)
    ️· Typical Forward Voltage (VF) @ 2.0A/25°C: 0.50V (SS22M), 0.60V (SS23M)
    ️· Typical Junction Capacitance (Cj): 35pF
    ️· Maximum Reverse Current (IR): 150uA (SS22M, @25°C), 15mA (@125°C)

    ## Mechanical Characteristics
    ️· Case: Micro SMA
    ️· Packaging: 8mm tape per EIA Std RS-481
    ️· Weight: 0.006 grams
    ️· Solder Dip: 265°C max, 10s

    ## Thermal Characteristics
    ️· Thermal Resistance (RθJA): 105°C/W (Both)
    ️· Operating Temperature (TJ): -55 to +150°C
    ️· Storage Temperature (TSTG): -55 to +150°C

    ## Applications
    ️· Low voltage, high-frequency inverters
    ️· Freewheeling diodes
    ️· DC-DC converters
    ️· Polarity protection

    Part No.SS22M_12
    ManufacturerTSC
    Size212 Kbytes
    Pages2 pages
    Description2.0AMPS. Surface Mount Schottky Barrier Rectifiers