| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KBL6005G Datasheet
# Example questions:
➢ What is the maximum rms bridge input voltage for the kbl608g rectifier?
➢ Over what temperature range can the kbl6005g rectifier safely operate (storage and operating)?
➢ What is the typical forward voltage drop across a single diode within the bridge rectifier at a peak current of 0a?
## Summary of the Datasheet for KBL6005G - KBL610G Bridge Rectifiers
This datasheet details the specifications for a series of 6A glass passivated bridge rectifiers, KBL6005G through KBL610G. Here’s a breakdown of the key parameters:
Key Specifications (Common to all models):
️· Forward Current: 6 Amps (Average Rectified)
️· Peak Repetitive Reverse Voltage (VRRM): Ranges from 50V (KBL6005G) to 1000V (KBL610G), increasing with the model number.
️· RMS Voltage (VRMS): Ranges from 35V (KBL6005G) to 700V (KBL610G).
️· Peak Forward Surge Current (IFSM): 150A
️· Forward Voltage Drop (VF): 1.1V @ 3A
️· Reverse Current (IR): 10 µA @ rated DC blocking voltage
️· Reverse Current (IR): 1mA @ 150°C
️· Operating and Storage Temperature Range: -55°C to +150°C
Model Variations:
The primary difference between the models (KBL6005G - KBL610G) is the voltage rating. Higher model numbers correspond to higher voltage ratings:
️· KBL6005G: 50V VRRM
️· KBL601G: 100V VRRM
️· KBL602G: 200V VRRM
️· KBL604G: 400V VRRM
️· KBL606G: 600V VRRM
️· KBL608G: 800V VRRM
️· KBL610G: 1000V VRRM
Other Notable Points:
️· Passivation: The rectifiers are glass passivated, providing improved reliability and surge current handling.
️· Mounting: Suitable for PCB mounting.
️· Compliance: RoHS Compliant.
## Summary of the Datasheet for KBL6005G - KBL610G Bridge Rectifiers
This datasheet details the specifications for a series of 6A glass passivated bridge rectifiers, KBL6005G through KBL610G. Here’s a breakdown of the key parameters:
Key Specifications (Common to all models):
️· Forward Current: 6 Amps (Average Rectified)
️· Peak Repetitive Reverse Voltage (VRRM): Ranges from 50V (KBL6005G) to 1000V (KBL610G), increasing with the model number.
️· RMS Voltage (VRMS): Ranges from 35V (KBL6005G) to 700V (KBL610G).
️· Peak Forward Surge Current (IFSM): 150A
️· Forward Voltage Drop (VF): 1.1V @ 3A
️· Reverse Current (IR): 10 µA @ rated DC blocking voltage
️· Reverse Current (IR): 1mA @ 150°C
️· Operating and Storage Temperature Range: -55°C to +150°C
Model Variations:
The primary difference between the models (KBL6005G - KBL610G) is the voltage rating. Higher model numbers correspond to higher voltage ratings:
️· KBL6005G: 50V VRRM
️· KBL601G: 100V VRRM
️· KBL602G: 200V VRRM
️· KBL604G: 400V VRRM
️· KBL606G: 600V VRRM
️· KBL608G: 800V VRRM
️· KBL610G: 1000V VRRM
Other Notable Points:
️· Passivation: The rectifiers are glass passivated, providing improved reliability and surge current handling.
️· Mounting: Suitable for PCB mounting.
️· Compliance: RoHS Compliant.
| Part No. | KBL6005G |
| Manufacturer | SECOS |
| Size | 667 Kbytes |
| Pages | 2 pages |
| Description | Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers |