| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M28SG-X-T92-B Datasheet
# Example questions:
➢ How does the dc current gain (hfe) change as the collector current (ic) increases from 1ma to 0.5a?
➢ Which package types are available for the m28s transistor, and what are the pin assignments for each?
➢ What are the absolute maximum ratings for collector-base voltage, collector-emitter voltage, and emitter-base voltage?
# M28S NPN Silicon Transistor
## Features
· Excellent HFE Linearity
· High DC Current Gain
· High Power Dissipation
## Applications
· Audio Output Driver Amplifier
· General Purpose Switch
## Ordering Information
· Package Types: TO-92, SOT-23
· Lead/Halogen Options: Normal, Lead Free, Halogen Free
· Packing Options: Tape Reel, Tape Box, Bulk
## Absolute Maximum Ratings (Ta=25°C)
· Collector-Base Voltage (VCBO): 40V
· Collector-Emitter Voltage (VCEO): 20V
· Emitter-Base Voltage (VEBO): 6V
· Collector Current (IC): 1.25A
· Power Dissipation (PD): 850mW
· Junction Temperature (TJ): +150°C
· Storage Temperature (TSTG): -55 ~ +150°C
## Electrical Characteristics (Ta=25°C)
· hFE1 (DC Current Gain, VCE=1V, IC=1mA): 290 typ.
· hFE2 (DC Current Gain, VCE=1V, IC=0.1A): 300-1000
· hFE3 (DC Current Gain, VCE=1V, IC=0.3A): 300 typ.
· hFE4 (DC Current Gain, VCE=1V, IC=0.5A): 300 typ.
· Collector-Emitter Saturation Voltage (VCE(SAT), IC=600mA, IB=20mA): 0.55V
· Current Gain Bandwidth Product (fT, VCE=10V, IC=50mA): 100 MHz
· Output Capacitance (COB, VCB=10V): 9 pF
## hFE2 Classification
· Rank B: 300-550
· Rank C: 500-700
· Rank D: 650-1000
# M28S NPN Silicon Transistor
## Features
· Excellent HFE Linearity
· High DC Current Gain
· High Power Dissipation
## Applications
· Audio Output Driver Amplifier
· General Purpose Switch
## Ordering Information
· Package Types: TO-92, SOT-23
· Lead/Halogen Options: Normal, Lead Free, Halogen Free
· Packing Options: Tape Reel, Tape Box, Bulk
## Absolute Maximum Ratings (Ta=25°C)
· Collector-Base Voltage (VCBO): 40V
· Collector-Emitter Voltage (VCEO): 20V
· Emitter-Base Voltage (VEBO): 6V
· Collector Current (IC): 1.25A
· Power Dissipation (PD): 850mW
· Junction Temperature (TJ): +150°C
· Storage Temperature (TSTG): -55 ~ +150°C
## Electrical Characteristics (Ta=25°C)
· hFE1 (DC Current Gain, VCE=1V, IC=1mA): 290 typ.
· hFE2 (DC Current Gain, VCE=1V, IC=0.1A): 300-1000
· hFE3 (DC Current Gain, VCE=1V, IC=0.3A): 300 typ.
· hFE4 (DC Current Gain, VCE=1V, IC=0.5A): 300 typ.
· Collector-Emitter Saturation Voltage (VCE(SAT), IC=600mA, IB=20mA): 0.55V
· Current Gain Bandwidth Product (fT, VCE=10V, IC=50mA): 100 MHz
· Output Capacitance (COB, VCB=10V): 9 pF
## hFE2 Classification
· Rank B: 300-550
· Rank C: 500-700
· Rank D: 650-1000
| Part No. | M28SG-X-T92-B |
| Manufacturer | UTC |
| Size | 109 Kbytes |
| Pages | 2 pages |
| Description | AUDIO OUTPUT DRIVER AMPLIFIER |