전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADCMP601 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADCMP601 Datasheet

  • # Example questions: ➢ What is the maximum allowable operating junction temperature for the adcmp600 series?
    ➢ What is the primary difference between the adcmp600 and the adcmp601 in terms of functionality?
    ➢ The text details multiple pin functions. what does the 'le/hys' pin control on the adcmp601 and adcmp602, and what can be connected to it to adjust its behaviour?

  • Part No.ADCMP601
    ManufacturerAD
    Size291 Kbytes
    Pages16 pages
    DescriptionRail-to-Rail, Very Fast, 2.5 V to 5.5 V
    Datasheet Summary with AI

    1. Overview

    ️· What they are: These are high-speed, low-power comparators designed for a variety of applications.
    ️· Key Features:
    - Fast response time
    - Low power consumption
    - Adjustable hysteresis (ADCMP601 and ADCMP602)
    - Shutdown capability (ADCMP602)
    ️· Package Options:
    - ADCMP600: SOT-23-5, SC70-5
    - ADCMP601: SC70-6
    - ADCMP602: MSOP-8

    2. Pin Descriptions (by Device)

    ️· ADCMP600 (SOT-23-5, SC70-5):
    - Q: Output
    - GND: Ground
    - VP: Non-inverting input
    - VN: Inverting input
    - VCCI/VCCO: Shared supply pin (Input and Output section)

    ️· ADCMP601 (SC70-6):
    - Q: Output
    - GND: Ground
    - VP: Non-inverting input
    - VN: Inverting input
    - LE/HYS: Latch/Hysteresis Control (Use resistor/current source to bias for hysteresis; drive low to latch)
    - VCCI/VCCO: Shared supply pin (Input and Output section)

    ️· ADCMP602 (MSOP-8):
    - VCCI: Input Section Supply
    - VP: Non-inverting input
    - VN: Inverting input
    - SDN: Shutdown (Drive low to disable)
    - LE/HYS: Latch/Hysteresis Control (Use resistor/current source to bias for hysteresis; drive low to latch)
    - GND: Ground
    - Q: Output
    - VCCO: Output Section Supply

    3. Electrical Characteristics & Ratings

    ️· Absolute Maximum Ratings: These are stress limits. Going over them *can* damage the device.
    - Supply Voltages: -0.5V to +6.0V
    - Differential Input Voltage: -6.0V to +6.0V
    - Input/Output Current: ±50mA
    - Operating Temperature: -40°C to +125°C
    - Junction Temperature: Up to 150°C
    ️· Thermal Resistance: The ADCMP602 MSOP8 has a better thermal resistance.
    - ADCMP600 (SC70-5): 426°C/W
    - ADCMP600 (SOT-23-5): 302°C/W
    - ADCMP601 (SC70-6): 426°C/W
    - ADCMP602 (MSOP-8): 130°C/W

    4. Functional Notes

    ️· ADCMP601 and ADCMP602 Hysteresis: These comparators allow you to adjust hysteresis. This can be useful to prevent oscillation in noisy environments. Bias the LE/HYS pin with a resistor or current source to achieve the desired hysteresis.
    ️· ADCMP602 Shutdown: The SDN pin can be used to shut down the comparator, reducing power consumption when it’s not actively comparing.

    In essence, this datasheet describes three related but distinct comparators, each with slightly different features and packaging options, making them suitable for a range of applications depending on the specific requirements.

    1. Overview

    ️· What they are: These are high-speed, low-power comparators designed for a variety of applications.
    ️· Key Features:
    - Fast response time
    - Low power consumption
    - Adjustable hysteresis (ADCMP601 and ADCMP602)
    - Shutdown capability (ADCMP602)
    ️· Package Options:
    - ADCMP600: SOT-23-5, SC70-5
    - ADCMP601: SC70-6
    - ADCMP602: MSOP-8

    2. Pin Descriptions (by Device)

    ️· ADCMP600 (SOT-23-5, SC70-5):
    - Q: Output
    - GND: Ground
    - VP: Non-inverting input
    - VN: Inverting input
    - VCCI/VCCO: Shared supply pin (Input and Output section)

    ️· ADCMP601 (SC70-6):
    - Q: Output
    - GND: Ground
    - VP: Non-inverting input
    - VN: Inverting input
    - LE/HYS: Latch/Hysteresis Control (Use resistor/current source to bias for hysteresis; drive low to latch)
    - VCCI/VCCO: Shared supply pin (Input and Output section)

    ️· ADCMP602 (MSOP-8):
    - VCCI: Input Section Supply
    - VP: Non-inverting input
    - VN: Inverting input
    - SDN: Shutdown (Drive low to disable)
    - LE/HYS: Latch/Hysteresis Control (Use resistor/current source to bias for hysteresis; drive low to latch)
    - GND: Ground
    - Q: Output
    - VCCO: Output Section Supply

    3. Electrical Characteristics & Ratings

    ️· Absolute Maximum Ratings: These are stress limits. Going over them *can* damage the device.
    - Supply Voltages: -0.5V to +6.0V
    - Differential Input Voltage: -6.0V to +6.0V
    - Input/Output Current: ±50mA
    - Operating Temperature: -40°C to +125°C
    - Junction Temperature: Up to 150°C
    ️· Thermal Resistance: The ADCMP602 MSOP8 has a better thermal resistance.
    - ADCMP600 (SC70-5): 426°C/W
    - ADCMP600 (SOT-23-5): 302°C/W
    - ADCMP601 (SC70-6): 426°C/W
    - ADCMP602 (MSOP-8): 130°C/W

    4. Functional Notes

    ️· ADCMP601 and ADCMP602 Hysteresis: These comparators allow you to adjust hysteresis. This can be useful to prevent oscillation in noisy environments. Bias the LE/HYS pin with a resistor or current source to achieve the desired hysteresis.
    ️· ADCMP602 Shutdown: The SDN pin can be used to shut down the comparator, reducing power consumption when it’s not actively comparing.

    In essence, this datasheet describes three related but distinct comparators, each with slightly different features and packaging options, making them suitable for a range of applications depending on the specific requirements.

    Part No.ADCMP601
    ManufacturerAD
    Size291 Kbytes
    Pages16 pages
    DescriptionRail-to-Rail, Very Fast, 2.5 V to 5.5 V