전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

US3A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about US3A Datasheet

  • # Example questions: ➢ What conditions are specified for the reverse recovery time (trr) measurement?
    ➢ What is the maximum average forward rectified current (if(av)) for all the listed diode models (us3a, us3b, us3d, us3g, us3j, us3k, us3m)?
    ➢ What are the typical junction capacitance (cj) and typical thermal resistance (rθ(ja)) values for the us3b diode model?

  • Part No.US3A
    ManufacturerSSE
    Size17 Kbytes
    Pages1 page
    DescriptionSURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
    Datasheet Summary with AI

    ## Summary of the Datasheet: US 3A, 3B, 3D, 3G, 3J, 3K, 3M Series Schottky Barrier Diodes

    This datasheet details the specifications for a series of Schottky barrier diodes (US 3A, 3B, 3D, 3G, 3J, 3K, and 3M). Here's a breakdown of the key information:

    Key Features:

    ️· Type: Schottky Barrier Diodes
    ️· Applications: (Implicitly) Fast switching, rectification, and other applications where low forward voltage drop and fast switching speeds are required.
    ️· Package: (Not specified, likely surface mount – SMC/DO-214AB)

    Electrical Characteristics (Common to all models):

    ️· Maximum Average Forward Rectified Current (IF(AV)): 3.0A
    ️· Peak Forward Surge Current (IFSM): 100A
    ️· Typical Junction Capacitance (CJ): 45pF
    ️· Typical Thermal Resistance (Rθ(ja)): 25°C/W
    ️· Storage and Operating Junction Temperature Range: -50°C to +150°C

    Differences between Models (Based on Voltage Ratings):

    The models differ primarily in their voltage ratings:

    Model VRRM (Max Repetitive Peak Reverse Voltage) VRMS (Max RMS Voltage) VDC (Max DC Blocking Voltage)
    US 3A 50V 35V 50V
    US 3B 100V 70V 100V
    US 3D 200V 140V 200V
    US 3G 400V 280V 400V
    US 3J 600V 420V 600V
    US 3K 800V 560V 800V
    US 3M 1000V 700V 1000V

    Other Key Characteristics (Common to all models):

    ️· Forward Voltage Drop (VF): 1.0V (US 3A, 3B, 3D) / 1.4V - 1.7V (US 3G, 3J, 3K, 3M)
    ️· Maximum Reverse Recovery Time (trr): 50ns (US 3A, 3B, 3D) / 75ns (US 3G, 3J, 3K, 3M)
    ️· Maximum DC Reverse Current (IR): 10µA @ 25°C / 500µA @ 100°C

    Notes:

    ️· The datasheet includes notes on the reverse recovery condition, capacitance measurement, and thermal resistance testing.

    Manufacturer: SSE Diode Co., Ltd. ([http://www.sse-diode.com](http://www.sse-diode.com))

    In essence, this datasheet provides a comprehensive specification for a range of Schottky diodes designed for various voltage and current requirements.

    ## Summary of the Datasheet: US 3A, 3B, 3D, 3G, 3J, 3K, 3M Series Schottky Barrier Diodes

    This datasheet details the specifications for a series of Schottky barrier diodes (US 3A, 3B, 3D, 3G, 3J, 3K, and 3M). Here's a breakdown of the key information:

    Key Features:

    ️· Type: Schottky Barrier Diodes
    ️· Applications: (Implicitly) Fast switching, rectification, and other applications where low forward voltage drop and fast switching speeds are required.
    ️· Package: (Not specified, likely surface mount – SMC/DO-214AB)

    Electrical Characteristics (Common to all models):

    ️· Maximum Average Forward Rectified Current (IF(AV)): 3.0A
    ️· Peak Forward Surge Current (IFSM): 100A
    ️· Typical Junction Capacitance (CJ): 45pF
    ️· Typical Thermal Resistance (Rθ(ja)): 25°C/W
    ️· Storage and Operating Junction Temperature Range: -50°C to +150°C

    Differences between Models (Based on Voltage Ratings):

    The models differ primarily in their voltage ratings:

    Model VRRM (Max Repetitive Peak Reverse Voltage) VRMS (Max RMS Voltage) VDC (Max DC Blocking Voltage)
    US 3A 50V 35V 50V
    US 3B 100V 70V 100V
    US 3D 200V 140V 200V
    US 3G 400V 280V 400V
    US 3J 600V 420V 600V
    US 3K 800V 560V 800V
    US 3M 1000V 700V 1000V

    Other Key Characteristics (Common to all models):

    ️· Forward Voltage Drop (VF): 1.0V (US 3A, 3B, 3D) / 1.4V - 1.7V (US 3G, 3J, 3K, 3M)
    ️· Maximum Reverse Recovery Time (trr): 50ns (US 3A, 3B, 3D) / 75ns (US 3G, 3J, 3K, 3M)
    ️· Maximum DC Reverse Current (IR): 10µA @ 25°C / 500µA @ 100°C

    Notes:

    ️· The datasheet includes notes on the reverse recovery condition, capacitance measurement, and thermal resistance testing.

    Manufacturer: SSE Diode Co., Ltd. ([http://www.sse-diode.com](http://www.sse-diode.com))

    In essence, this datasheet provides a comprehensive specification for a range of Schottky diodes designed for various voltage and current requirements.

    Part No.US3A
    ManufacturerSSE
    Size17 Kbytes
    Pages1 page
    DescriptionSURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER