| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GP15A Datasheet
# Example questions:
➢ What is the maximum rms voltage for the gp15b rectifier?
➢ What is the typical reverse recovery time for all rectifier types listed?
➢ What is the operating junction temperature range for the gp15m rectifier?
# GP15A THRU GP15M - Glass Passivated Junction Rectifier
## FEATURES
️· Plastic package - UL Flammability Classification 94V-0
️· High-temperature metallurgically bonded construction
️· Glass passivated cavity-free junction
️· Meets MIL-S-19500 environmental standards
️· 1.5 Ampere operation at TA=55°C
️· Typical IR less than 0.1µA
️· High-temperature soldering guaranteed: 350°C/10s, 5lbs tension
## MECHANICAL DATA
️· Case: JEDEC DO-204AC molded plastic over glass body
️· Terminals: Plated axial leads, solderable per MIL-STD-750
️· Polarity: Color band denotes cathode
️· Mounting Position: Any
️· Weight: 0.015 ounce, 0.4 gram
## MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS (at 25°C unless specified)
| Parameter | Symbol | GP15A | GP15B | GP15D | GP15G | GP15J | GP15K | GP15M | Units |
|---------------------------------------|--------|-------|-------|-------|-------|-------|-------|-------|-------|
| Maximum Repetitive Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Average Forward Rectified Current (TA=55°C) | I(AV) | 1.5 | 1.5 | 1.5 | 1.5 | 1.5 | 1.5 | 1.5 | Amps |
| Peak Forward Surge Current (JEDEC) | IFSM | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | Amps |
| Instantaneous Forward Voltage (at 1.5A) | VF | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
| Full Load Reverse Current (TA=55°C) | IR(AV) | 100.0 | 100.0 | 100.0 | 100.0 | 100.0 | 100.0 | 100.0 | µA |
| Max Reverse Current (TA=25°C/150°C) | IR | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | µA |
| Reverse Recovery Time | trr | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | µs |
| Junction Capacitance | CJ | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | pF |
| Thermal Resistance (JA/JL) | RΘJA/JL | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | °C/W |
| Operating/Storage Temperature | TJ/TSTG | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | °C |
# GP15A THRU GP15M - Glass Passivated Junction Rectifier
## FEATURES
️· Plastic package - UL Flammability Classification 94V-0
️· High-temperature metallurgically bonded construction
️· Glass passivated cavity-free junction
️· Meets MIL-S-19500 environmental standards
️· 1.5 Ampere operation at TA=55°C
️· Typical IR less than 0.1µA
️· High-temperature soldering guaranteed: 350°C/10s, 5lbs tension
## MECHANICAL DATA
️· Case: JEDEC DO-204AC molded plastic over glass body
️· Terminals: Plated axial leads, solderable per MIL-STD-750
️· Polarity: Color band denotes cathode
️· Mounting Position: Any
️· Weight: 0.015 ounce, 0.4 gram
## MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS (at 25°C unless specified)
| Parameter | Symbol | GP15A | GP15B | GP15D | GP15G | GP15J | GP15K | GP15M | Units |
|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Average Forward Rectified Current (TA=55°C) | I(AV) | 1.5 | 1.5 | 1.5 | 1.5 | 1.5 | 1.5 | 1.5 | Amps |
| Peak Forward Surge Current (JEDEC) | IFSM | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | Amps |
| Instantaneous Forward Voltage (at 1.5A) | VF | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
| Full Load Reverse Current (TA=55°C) | IR(AV) | 100.0 | 100.0 | 100.0 | 100.0 | 100.0 | 100.0 | 100.0 | µA |
| Max Reverse Current (TA=25°C/150°C) | IR | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | 5.0 / 200.0 | µA |
| Reverse Recovery Time | trr | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | µs |
| Junction Capacitance | CJ | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | pF |
| Thermal Resistance (JA/JL) | RΘJA/JL | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | 45.0 / 20.0 | °C/W |
| Operating/Storage Temperature | TJ/TSTG | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | °C |
| Part No. | GP15A |
| Manufacturer | TAYCHIPST |
| Size | 4Mb |
| Pages | 2 pages |
| Description | GLASS PASSIVATED JUNCTION RECTIFIER |