전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMDA03LC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SMDA03LC_12 Datasheet

  • # Example questions: ➢ What is the diameter of the reel used for packaging these devices?
    ➢ What is the maximum allowable tape thickness (tmax) as per the specifications table?
    ➢ What are the dimensions (a0, b0, k0, d, e, f, w, p0, p2, p) and tolerances for the tape used to package the smda series devices, as specified in the 'specifications' table?

  • Part No.SMDA03LC_12
    ManufacturerPROTEC
    Size798 Kbytes
    Pages10 pages
    Description500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
    Datasheet Summary with AI

    1. Product Overview:

    ️· TVS Diodes: These diodes are designed to protect sensitive electronic circuits from voltage transients (spikes), like those caused by electrostatic discharge (ESD), electrical fast transient (EFT), or surges.
    ️· Surface Mount: They are designed for automated assembly on printed circuit boards (PCBs).
    ️· Series: The datasheet covers a range of diodes within the SMDA03LC - SMDA24LCC series, differing in breakdown voltage and other parameters.

    2. Key Features & Specifications (not fully detailed, but implied):

    ️· Low Clamping Voltage: The datasheet likely details the maximum voltage allowed to pass to the protected circuit.
    ️· Fast Response Time: Quickly clamps voltage transients.
    ️· Low Capacitance: Important for high-speed data lines and sensitive analog circuits.
    ️· Various Breakdown Voltages: The series offers different breakdown voltages (Vbr) to match different circuit protection requirements (from 3.3V to 24V, as implied by the series name).
    ️· Power Dissipation: Capacity to absorb transient energy.

    3. Electrical Characteristics:

    *(Although not explicitly detailed in the provided text snippets, a full datasheet would include tables listing parameters like:*

    ️· Reverse Stand-Off Voltage (Vrwm): The maximum reverse voltage that can be applied continuously.
    ️· Breakdown Voltage (Vbr): The voltage at which the diode starts to conduct significantly.
    ️· Holding Current (Ih): The maximum current the diode can handle while remaining in the breakdown state.
    ️· Peak Pulse Current (Ippm): The maximum non-repetitive peak current the diode can handle.
    ️· Clamping Voltage (Vc): The maximum voltage that the diode will allow through to the protected circuit during a transient event.
    ️· Capacitance (Cj): The capacitance of the diode, important for high-speed circuits.

    4. Package Information & Mechanical Dimensions:

    ️· Package Type: SO-8 (Surface Mount) package.
    ️· Tape and Reel Packaging: The diodes are available in tape and reel packaging for automated assembly.
    ️· Detailed Dimensions: The document provides detailed mechanical dimensions of the SO-8 package, including pad layout for PCB design. This ensures proper soldering and integration onto the board.
    ️· Tape & Reel specifications: Dimensions and specifications for the tape and reel, important for automated assembly.

    5. Layout & Diagrams:

    ️· Package Outline: Diagram showing the physical dimensions of the SO-8 package.
    ️· Pad Layout: Shows the recommended pad layout on the PCB for soldering the diode.
    ️· Tape & Reel Diagram: Illustrates how the diodes are packaged on the tape and reel.

    In summary: This datasheet provides critical information for engineers designing circuits that require transient voltage protection. It details the electrical characteristics, mechanical dimensions, and packaging information for the SMDA03LC - SMDA24LCC series of TVS diodes, allowing for proper selection and implementation in various electronic applications.

    1. Product Overview:

    ️· TVS Diodes: These diodes are designed to protect sensitive electronic circuits from voltage transients (spikes), like those caused by electrostatic discharge (ESD), electrical fast transient (EFT), or surges.
    ️· Surface Mount: They are designed for automated assembly on printed circuit boards (PCBs).
    ️· Series: The datasheet covers a range of diodes within the SMDA03LC - SMDA24LCC series, differing in breakdown voltage and other parameters.

    2. Key Features & Specifications (not fully detailed, but implied):

    ️· Low Clamping Voltage: The datasheet likely details the maximum voltage allowed to pass to the protected circuit.
    ️· Fast Response Time: Quickly clamps voltage transients.
    ️· Low Capacitance: Important for high-speed data lines and sensitive analog circuits.
    ️· Various Breakdown Voltages: The series offers different breakdown voltages (Vbr) to match different circuit protection requirements (from 3.3V to 24V, as implied by the series name).
    ️· Power Dissipation: Capacity to absorb transient energy.

    3. Electrical Characteristics:

    *(Although not explicitly detailed in the provided text snippets, a full datasheet would include tables listing parameters like:*

    ️· Reverse Stand-Off Voltage (Vrwm): The maximum reverse voltage that can be applied continuously.
    ️· Breakdown Voltage (Vbr): The voltage at which the diode starts to conduct significantly.
    ️· Holding Current (Ih): The maximum current the diode can handle while remaining in the breakdown state.
    ️· Peak Pulse Current (Ippm): The maximum non-repetitive peak current the diode can handle.
    ️· Clamping Voltage (Vc): The maximum voltage that the diode will allow through to the protected circuit during a transient event.
    ️· Capacitance (Cj): The capacitance of the diode, important for high-speed circuits.

    4. Package Information & Mechanical Dimensions:

    ️· Package Type: SO-8 (Surface Mount) package.
    ️· Tape and Reel Packaging: The diodes are available in tape and reel packaging for automated assembly.
    ️· Detailed Dimensions: The document provides detailed mechanical dimensions of the SO-8 package, including pad layout for PCB design. This ensures proper soldering and integration onto the board.
    ️· Tape & Reel specifications: Dimensions and specifications for the tape and reel, important for automated assembly.

    5. Layout & Diagrams:

    ️· Package Outline: Diagram showing the physical dimensions of the SO-8 package.
    ️· Pad Layout: Shows the recommended pad layout on the PCB for soldering the diode.
    ️· Tape & Reel Diagram: Illustrates how the diodes are packaged on the tape and reel.

    In summary: This datasheet provides critical information for engineers designing circuits that require transient voltage protection. It details the electrical characteristics, mechanical dimensions, and packaging information for the SMDA03LC - SMDA24LCC series of TVS diodes, allowing for proper selection and implementation in various electronic applications.

    Part No.SMDA03LC_12
    ManufacturerPROTEC
    Size798 Kbytes
    Pages10 pages
    Description500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY