| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CXG1027TM Datasheet
# Example questions:
➢ What material is used for the lead treatment of the cxg1027t package?
➢ The recommended evaluation board utilizes a glass fabric-base epoxy board. what is the thickness of this board?
➢ What is the typical output power of the cxg1027t when operating at 441 ghz with a 4v supply and 0.2v bias?
## Summary of the CXG1027TM Datasheet
This document is a datasheet for the CXG1027TM, a single-pole, double-throw (SPDT) RF switch IC designed for 800MHz and 1.441GHz applications. Here's a breakdown of the key information:
Key Features:
️· Frequency Range: Optimized for 800MHz and 1.441GHz, but can operate across a wider range.
️· Low Insertion Loss & Isolation: Designed for minimal signal loss and good signal separation.
️· Low Current Consumption: Efficient operation.
️· Small Package: Utilizes a 10-pin TSSOP package for space-constrained applications.
️· Single-Pole Double-Throw (SPDT): Allows switching between two RF paths.
Electrical Characteristics (Typical):
️· Current Consumption: ~45-65mA
️· Output Power: +10dBm
️· Power Gain: 25-28dB (depending on frequency)
️· ACPR (Adjacent Channel Power Ratio): -50 to -47dBc
Pinout:
️· Pin 1, 10: VDD (Power Supply)
️· Pin 2: RF OUT
️· Pin 3: VGG (Control Voltage)
️· Pin 4: GND (Ground)
️· Pin 5: RF IN
️· Pin 6: GND (CAP - for bypass capacitor)
️· Pin 7: GND (1.5GHz) or IND(800MHz)
️· Pin 8: GND (CAP)
️· Pin 9: GND
Applications:
️· Wireless Communication Systems
️· Mobile Devices
️· RF Switching
️· Base Stations
Supporting Information:
️· Detailed electrical specifications are provided in table format.
️· Representative characteristic curves show performance under various conditions.
️· Recommended circuit configurations are provided for both 800MHz and 1.441GHz applications.
️· Evaluation board layout information is included.
️· Package dimensions and layout are detailed.
In essence, the CXG1027TM is a compact, efficient, and reliable RF switch solution for applications requiring high performance and low power consumption.
## Summary of the CXG1027TM Datasheet
This document is a datasheet for the CXG1027TM, a single-pole, double-throw (SPDT) RF switch IC designed for 800MHz and 1.441GHz applications. Here's a breakdown of the key information:
Key Features:
️· Frequency Range: Optimized for 800MHz and 1.441GHz, but can operate across a wider range.
️· Low Insertion Loss & Isolation: Designed for minimal signal loss and good signal separation.
️· Low Current Consumption: Efficient operation.
️· Small Package: Utilizes a 10-pin TSSOP package for space-constrained applications.
️· Single-Pole Double-Throw (SPDT): Allows switching between two RF paths.
Electrical Characteristics (Typical):
️· Current Consumption: ~45-65mA
️· Output Power: +10dBm
️· Power Gain: 25-28dB (depending on frequency)
️· ACPR (Adjacent Channel Power Ratio): -50 to -47dBc
Pinout:
️· Pin 1, 10: VDD (Power Supply)
️· Pin 2: RF OUT
️· Pin 3: VGG (Control Voltage)
️· Pin 4: GND (Ground)
️· Pin 5: RF IN
️· Pin 6: GND (CAP - for bypass capacitor)
️· Pin 7: GND (1.5GHz) or IND(800MHz)
️· Pin 8: GND (CAP)
️· Pin 9: GND
Applications:
️· Wireless Communication Systems
️· Mobile Devices
️· RF Switching
️· Base Stations
Supporting Information:
️· Detailed electrical specifications are provided in table format.
️· Representative characteristic curves show performance under various conditions.
️· Recommended circuit configurations are provided for both 800MHz and 1.441GHz applications.
️· Evaluation board layout information is included.
️· Package dimensions and layout are detailed.
In essence, the CXG1027TM is a compact, efficient, and reliable RF switch solution for applications requiring high performance and low power consumption.
| Part No. | CXG1027TM |
| Manufacturer | SONY |
| Size | 158 Kbytes |
| Pages | 6 pages |
| Description | Driver Amplifier for Transmission |