전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDA006A-350S-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PDA006A-350S-R Datasheet

  • # Example questions: ➢ What is the maximum ambient operating temperature for this power supply?
    ➢ What type of dc output connector does the pda006a power supply utilize?
    ➢ What is the minimum efficiency level guaranteed for this power supply at nominal input voltage and full load?

  • Part No.PDA006A-350S-R
    ManufacturerPHIHONG
    Size138 Kbytes
    Pages2 pages
    Description6W Adapter Style Constant Current LED Driver
    Datasheet Summary with AI

    # PDA006A 6W LED Power Supply

    ## Features
    · Low Profile Design
    · IP20 Rated
    · OVP, IOCP, Over-Load & Short-Circuit Protection
    · SELV & UL 8750 Compliant
    · Power Factor Correction & Low Leakage
    · Class 2 Output

    ## Applications
    · Indoor Lighting
    · Desk Lighting

    ## Mechanical Characteristics
    · Length: 66.5mm
    · Height: 38mm
    · Width: 31mm
    · Weight: 40g (1.41oz)

    ## Output Specifications
    Model DC Output Voltage (Min-Max) Output Current (Max) Output Power (Max)
    PDA006A-350S-R 9V - 17V 350mA 6W
    PDA006A-700S-R 5V - 8.6V 700mA 6W
    PDA006A-1A0S-R 4V - 6V 1000mA 6W

    ## Electrical Specifications
    · Input: 90-132VAC, 110-120VAC Nominal
    · Maximum Input Current: ≤250mA @ 120VAC
    · No-Load Power Draw: <300mW @ 115VAC
    · Efficiency: ≥73% @ Full Load
    · Power Factor: ≥0.9 @ Full Load
    · Leakage Current: <0.25mA @ 110VAC

    ## Environmental
    · Operating Temperature: 0 to +40°C
    · Storage Temperature: -40 to +85°C
    · Operating Humidity: 10 to 95%

    ## Safety & Protection
    · Isolation Test: 3000VAC, <10mA, 1 minute (Primary to Secondary)
    · Insulation Resistance: 500VDC, >5M ohm, 1 minute (Primary to Secondary)
    · Input Current Protection: 1W/10Ohm Fuse Resistor
    · Short Circuit Protection: Auto Restart
    · Over-Voltage Protection: Auto Shut Down

    ## Other
    · DC Output Connector: 2.1mm x 5.5mm x 9.5mm, Center Positive
    · Lifespan: 20,000 Hours (minimum @ max load)
    · EMC: FCC Part 15 Class B
    · Immunity: EN61000-4-2, EN61000-4-4, EN61000-4-5, EN61000-4-11

    # PDA006A 6W LED Power Supply

    ## Features
    · Low Profile Design
    · IP20 Rated
    · OVP, IOCP, Over-Load & Short-Circuit Protection
    · SELV & UL 8750 Compliant
    · Power Factor Correction & Low Leakage
    · Class 2 Output

    ## Applications
    · Indoor Lighting
    · Desk Lighting

    ## Mechanical Characteristics
    · Length: 66.5mm
    · Height: 38mm
    · Width: 31mm
    · Weight: 40g (1.41oz)

    ## Output Specifications
    Model DC Output Voltage (Min-Max) Output Current (Max) Output Power (Max)
    PDA006A-350S-R 9V - 17V 350mA 6W
    PDA006A-700S-R 5V - 8.6V 700mA 6W
    PDA006A-1A0S-R 4V - 6V 1000mA 6W

    ## Electrical Specifications
    · Input: 90-132VAC, 110-120VAC Nominal
    · Maximum Input Current: ≤250mA @ 120VAC
    · No-Load Power Draw: <300mW @ 115VAC
    · Efficiency: ≥73% @ Full Load
    · Power Factor: ≥0.9 @ Full Load
    · Leakage Current: <0.25mA @ 110VAC

    ## Environmental
    · Operating Temperature: 0 to +40°C
    · Storage Temperature: -40 to +85°C
    · Operating Humidity: 10 to 95%

    ## Safety & Protection
    · Isolation Test: 3000VAC, <10mA, 1 minute (Primary to Secondary)
    · Insulation Resistance: 500VDC, >5M ohm, 1 minute (Primary to Secondary)
    · Input Current Protection: 1W/10Ohm Fuse Resistor
    · Short Circuit Protection: Auto Restart
    · Over-Voltage Protection: Auto Shut Down

    ## Other
    · DC Output Connector: 2.1mm x 5.5mm x 9.5mm, Center Positive
    · Lifespan: 20,000 Hours (minimum @ max load)
    · EMC: FCC Part 15 Class B
    · Immunity: EN61000-4-2, EN61000-4-4, EN61000-4-5, EN61000-4-11

    Part No.PDA006A-350S-R
    ManufacturerPHIHONG
    Size138 Kbytes
    Pages2 pages
    Description6W Adapter Style Constant Current LED Driver