| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SSL22_13 Datasheet
# Example questions:
➢ How does the operating temperature range differ between the ssl22, ssl23, and ssl24?
➢ What are the dimensions of 'a', 'b', and 'c' as indicated in the 'dimensions' table?
➢ What is the maximum average forward rectified current for the ssl23 and ssl24 types?
# SSL22 - SSL24 Schottky Barrier Rectifiers
## Overview
Surface mount Schottky barrier rectifiers, available in SSL22, SSL23, and SSL24 versions. Designed for low forward voltage drop and high surge current capability.
## Key Features
· Surface mount application
· Metal silicon junction
· Low forward voltage drop
· Easy pick & place
· High surge current capability
· Plastic material UL 94V-0 rated
· Meets MSL level 1 per J-STD-020D (lead-free, max 260°C)
· Green compound available with packing code suffix "G"
## Electrical Characteristics
· Maximum Repetitive Peak Reverse Voltage (VRRM): 20V (SSL22), 30V (SSL23), 40V (SSL24)
· Maximum Average Forward Rectified Current (IF(AV)): 2A
· Maximum Instantaneous Forward Voltage (VF) @ 2A: 0.41V
· Typical Thermal Resistance (RθjA): 70°C/W
· Marking Code: SL22, SL23, SL24
## Mechanical Data
· Case: Molded plastic (SMB/DO-214AA)
· Terminal: Matte tin plating
· Polarity: Indicated by cathode band
· Packaging: 12mm tape per EIA STD RS-481
· Weight: 0.093 grams
## Ordering Information
· Reel Sizes: 7" (850pcs/reel - R5 code), 13" (3K pcs/reel - R4 code)
· Green Compound: Add "G" suffix to packing code (e.g., R5G, R4G)
## Suggested Pad Layout
· A: 2.3mm, B: 2.5mm, C: 4.3mm, D: 1.8mm, E: 6.7mm
## Operating/Storage Temperatures
· Operating Temperature (TJ): -55 to +125°C
· Storage Temperature (TSTG): -55 to +150°C
# SSL22 - SSL24 Schottky Barrier Rectifiers
## Overview
Surface mount Schottky barrier rectifiers, available in SSL22, SSL23, and SSL24 versions. Designed for low forward voltage drop and high surge current capability.
## Key Features
· Surface mount application
· Metal silicon junction
· Low forward voltage drop
· Easy pick & place
· High surge current capability
· Plastic material UL 94V-0 rated
· Meets MSL level 1 per J-STD-020D (lead-free, max 260°C)
· Green compound available with packing code suffix "G"
## Electrical Characteristics
· Maximum Repetitive Peak Reverse Voltage (VRRM): 20V (SSL22), 30V (SSL23), 40V (SSL24)
· Maximum Average Forward Rectified Current (IF(AV)): 2A
· Maximum Instantaneous Forward Voltage (VF) @ 2A: 0.41V
· Typical Thermal Resistance (RθjA): 70°C/W
· Marking Code: SL22, SL23, SL24
## Mechanical Data
· Case: Molded plastic (SMB/DO-214AA)
· Terminal: Matte tin plating
· Polarity: Indicated by cathode band
· Packaging: 12mm tape per EIA STD RS-481
· Weight: 0.093 grams
## Ordering Information
· Reel Sizes: 7" (850pcs/reel - R5 code), 13" (3K pcs/reel - R4 code)
· Green Compound: Add "G" suffix to packing code (e.g., R5G, R4G)
## Suggested Pad Layout
· A: 2.3mm, B: 2.5mm, C: 4.3mm, D: 1.8mm, E: 6.7mm
## Operating/Storage Temperatures
· Operating Temperature (TJ): -55 to +125°C
· Storage Temperature (TSTG): -55 to +150°C
| Part No. | SSL22_13 |
| Manufacturer | TSC |
| Size | 253 Kbytes |
| Pages | 4 pages |
| Description | 2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers |