| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MPC8321VRADDC Datasheet
# Example questions:
➢ Which of these is specifically designated for ethernet phy management, and what type of interface is it?
➢ What is the function of the security engine within the mpc8323e, and what types of execution units are included within it?
➢ What are the key protocols supported by the quicc engine's universal communication controllers (uccs)?
1. Overview & Purpose:
️· What it is: The MPC8323E is an integrated communications processor, part of the PowerQUICC II Pro family. It's designed for networking and communication systems.
️· Focus: The document details its electrical characteristics, absolute maximum ratings, and outlines the key peripherals and features.
2. Core Features & Peripherals:
️· Core Processing: Includes a 32-bit RISC controller.
️· Communication Controllers (UCCs): Five UCCs supporting various protocols:
- 10/100 Mbps Ethernet
- IP Support (IPv4 & IPv6)
- ATM (including UTOPIA interface)
- HDLC
- UART
- BISYNC
- QUICC Multi-Channel Controller (QMC)
️· Serial Interfaces:
- One UL2 interface (31 multi-PHY addresses)
- Up to three 10/100 Mbps Ethernet interfaces (MII/RMII)
- Up to four T1/E1/J1/E3/DS-3 serial interfaces (TDM)
- Dual UART and SPI interfaces
- One I2C interface
️· Memory:
- DDR1/DDR2 memory controller (up to 266 MHz)
️· PCI Controller: PCI Specification Revision 2.3 compatible (up to 66 MHz)
️· Interrupt Controller (PIC): 8 external and 35 internal interrupt sources
️· Security Engine: Optimized for security algorithms (DES, 3DES, AES, MD5, SHA1)
️· Baud Rate Generators: Thirteen independent baud rate generators
3. Key Technologies & Specifications:
️· UTOPIA Interface: Supports 31 multi-PHYs (MPC8323E and MPC8323 only)
️· QUICC: Supports 64 TDM channels
️· Power Management: Supports on-the-fly power management using CKE
4. Electrical Characteristics - Highlights:
️· Absolute Maximum Ratings: Defines voltage limits, storage temperatures, and other stress parameters. *Important:* Exceeding these can cause permanent damage.
️· Input Voltage Limits: Specific voltage limits apply to various signals, with some allowing temporary excursions beyond the nominal range.
️· Functional Operating Conditions: Will have a separate table defining the recommended operating conditions for reliable functionality (not fully detailed in the provided excerpt).
5. Important Cautions:
️· Input Voltage Excursions: Input voltage limits must be observed, and short excursions are permitted under specific conditions.
️· Power-On/Power-Down Sequences: Special attention is needed during these sequences when input voltages might temporarily exceed limits.
1. Overview & Purpose:
️· What it is: The MPC8323E is an integrated communications processor, part of the PowerQUICC II Pro family. It's designed for networking and communication systems.
️· Focus: The document details its electrical characteristics, absolute maximum ratings, and outlines the key peripherals and features.
2. Core Features & Peripherals:
️· Core Processing: Includes a 32-bit RISC controller.
️· Communication Controllers (UCCs): Five UCCs supporting various protocols:
- 10/100 Mbps Ethernet
- IP Support (IPv4 & IPv6)
- ATM (including UTOPIA interface)
- HDLC
- UART
- BISYNC
- QUICC Multi-Channel Controller (QMC)
️· Serial Interfaces:
- One UL2 interface (31 multi-PHY addresses)
- Up to three 10/100 Mbps Ethernet interfaces (MII/RMII)
- Up to four T1/E1/J1/E3/DS-3 serial interfaces (TDM)
- Dual UART and SPI interfaces
- One I2C interface
️· Memory:
- DDR1/DDR2 memory controller (up to 266 MHz)
️· PCI Controller: PCI Specification Revision 2.3 compatible (up to 66 MHz)
️· Interrupt Controller (PIC): 8 external and 35 internal interrupt sources
️· Security Engine: Optimized for security algorithms (DES, 3DES, AES, MD5, SHA1)
️· Baud Rate Generators: Thirteen independent baud rate generators
3. Key Technologies & Specifications:
️· UTOPIA Interface: Supports 31 multi-PHYs (MPC8323E and MPC8323 only)
️· QUICC: Supports 64 TDM channels
️· Power Management: Supports on-the-fly power management using CKE
4. Electrical Characteristics - Highlights:
️· Absolute Maximum Ratings: Defines voltage limits, storage temperatures, and other stress parameters. *Important:* Exceeding these can cause permanent damage.
️· Input Voltage Limits: Specific voltage limits apply to various signals, with some allowing temporary excursions beyond the nominal range.
️· Functional Operating Conditions: Will have a separate table defining the recommended operating conditions for reliable functionality (not fully detailed in the provided excerpt).
5. Important Cautions:
️· Input Voltage Excursions: Input voltage limits must be observed, and short excursions are permitted under specific conditions.
️· Power-On/Power-Down Sequences: Special attention is needed during these sequences when input voltages might temporarily exceed limits.
| Part No. | MPC8321VRADDC |
| Manufacturer | FREESCALE |
| Size | 1Mb |
| Pages | 82 pages |
| Description | PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications |