전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393DG4
MfrTI
Size1Mb
Pages30 pages
DescriptionDUAL DIFFERENTIAL COMPARATORS
Datasheet SummaryAI
# LM193, LM293, LM393 Series Comparators

## Features & Description

️· Dual Comparators: Contains two independent voltage comparators.
️· Wide Supply Range: Operates from a single supply voltage or dual supplies (2V to 36V).
️· Low Power: Typical supply current of 0.8-1mA per comparator.
️· Low Input Bias Current: 25nA typical.
️· Wide Input Common-Mode Range: Includes ground.
️· Output: Compatible with TTL, MOS, and CMOS logic.
️· Applications: Voltage comparison, zero-crossing detection, window comparators, etc.

## Electrical Characteristics (Typical)

️· Supply Voltage: 2V to 36V
️· Input Offset Voltage: 2-9mV
️· Input Bias Current: -25 to 400nA
️· Large-Signal Differential Voltage Amplification: 50-200V/mV
️· Supply Current per Comparator: 0.8-1mA

## Ordering Information

Part Number Temperature Range (°C) Package Type
LM193 -55 to 125 CDIP, LCCC, SOIC
LM293/LM393 0 to 85/25 to 85 PDIP, SOIC, TSSOP, MSOP
LM2903 -40 to 125 PDIP, SOIC, TSSOP

## Package Options

️· CDIP (Ceramic Dual In-line Package)
️· LCCC (Leadless Ceramic Chip Carrier)
️· PDIP (Plastic Dual In-line Package)
️· SOIC (Small Outline Integrated Circuit)
️· TSSOP (Thin Shrink Small Outline Package)
️· MSOP/VSSOP (Miniature Small Outline Package)

## Absolute Maximum Ratings

️· Supply Voltage: 36V
️· Differential Input Voltage: ±36V
️· Output Current: 20mA
LM393DG4 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393DG4 Datasheet.
    Example questions: ➤ What is the typical input offset voltage for the lm293 at 25°c?➤ What is the maximum supply current (icc) for the lm193 when the load resistance (rl) is infinite and vcc is 5v?➤ What is the maximum common-mode input voltage for the inverting input (-)?
  • Datasheet Details
    Part No.LM393DG4
    ManufacturerTI
    Size1Mb
    Pages30 pages
    DescriptionDUAL DIFFERENTIAL COMPARATORS
    Datasheet Summary AI Expand summary
    # LM193, LM293, LM393 Series Comparators

    ## Features & Description

    ️· Dual Comparators: Contains two independent voltage comparators.
    ️· Wide Supply Range: Operates from a single supply voltage or dual supplies (2V to 36V).
    ️· Low Power: Typical supply current of 0.8-1mA per comparator.
    ️· Low Input Bias Current: 25nA typical.
    ️· Wide Input Common-Mode Range: Includes ground.
    ️· Output: Compatible with TTL, MOS, and CMOS logic.
    ️· Applications: Voltage comparison, zero-crossing detection, window comparators, etc.

    ## Electrical Characteristics (Typical)

    ️· Supply Voltage: 2V to 36V
    ️· Input Offset Voltage: 2-9mV
    ️· Input Bias Current: -25 to 400nA
    ️· Large-Signal Differential Voltage Amplification: 50-200V/mV
    ️· Supply Current per Comparator: 0.8-1mA

    ## Ordering Information

    Part Number Temperature Range (°C) Package Type
    LM193 -55 to 125 CDIP, LCCC, SOIC
    LM293/LM393 0 to 85/25 to 85 PDIP, SOIC, TSSOP, MSOP
    LM2903 -40 to 125 PDIP, SOIC, TSSOP

    ## Package Options

    ️· CDIP (Ceramic Dual In-line Package)
    ️· LCCC (Leadless Ceramic Chip Carrier)
    ️· PDIP (Plastic Dual In-line Package)
    ️· SOIC (Small Outline Integrated Circuit)
    ️· TSSOP (Thin Shrink Small Outline Package)
    ️· MSOP/VSSOP (Miniature Small Outline Package)

    ## Absolute Maximum Ratings

    ️· Supply Voltage: 36V
    ️· Differential Input Voltage: ±36V
    ️· Output Current: 20mA