| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about USB0004RP Datasheet
# Example questions:
➢ What are the dimensions (in mm) of 'l' and 'w' for the usb0001 component?
➢ What is the typical capacitance of the usb0002 at 1 mhz and 0.5vrms?
➢ What is the maximum leakage current (μa) at the working voltage for the usb0005/usb0006?
1. Product Overview:
️· Type: Multilayer Varistors (MLVs)
️· Application: Designed for protecting USB interfaces from transient voltage events (surges, ESD). These are commonly used in electronic devices to safeguard sensitive components.
2. Series: There are several variants within the "USB Series" (USB0001, USB0005, USB0006, USB0002, USB0004). They vary in dimensions and electrical characteristics.
3. Key Electrical Characteristics (Table Summary – See below for explanation of terms)
| Characteristic | USB0001 | USB0002 | USB0004 | USB0005 / USB0006 |
|---|---|---|---|---|
| DC Working Voltage (V) | N/A | 0.46 (0.018) | 1.00 (0.039) | 1.0 (0.040) |
| AC Working Voltage (V) | N/A | N/A | N/A | N/A |
| Typical Breakdown Voltage (V @ 1mA DC) | N/A | N/A | N/A | N/A |
| Max Leakage Current @ Working Voltage (μA) | N/A | N/A | N/A | N/A |
| Transient Energy Rating (J, 10x1000μs) | N/A | N/A | N/A | N/A |
| Peak Current Rating (A, 20µs pulse) | N/A | N/A | N/A | N/A |
| Typical Capacitance @ 1MHz, 0.5Vrms (pF) | N/A | N/A | N/A | N/A |
1. Product Overview:
️· Type: Multilayer Varistors (MLVs)
️· Application: Designed for protecting USB interfaces from transient voltage events (surges, ESD). These are commonly used in electronic devices to safeguard sensitive components.
2. Series: There are several variants within the "USB Series" (USB0001, USB0005, USB0006, USB0002, USB0004). They vary in dimensions and electrical characteristics.
3. Key Electrical Characteristics (Table Summary – See below for explanation of terms)
| Characteristic | USB0001 | USB0002 | USB0004 | USB0005 / USB0006 |
|---|---|---|---|---|
| DC Working Voltage (V) | N/A | 0.46 (0.018) | 1.00 (0.039) | 1.0 (0.040) |
| AC Working Voltage (V) | N/A | N/A | N/A | N/A |
| Typical Breakdown Voltage (V @ 1mA DC) | N/A | N/A | N/A | N/A |
| Max Leakage Current @ Working Voltage (μA) | N/A | N/A | N/A | N/A |
| Transient Energy Rating (J, 10x1000μs) | N/A | N/A | N/A | N/A |
| Peak Current Rating (A, 20µs pulse) | N/A | N/A | N/A | N/A |
| Typical Capacitance @ 1MHz, 0.5Vrms (pF) | N/A | N/A | N/A | N/A |
| Part No. | USB0004RP |
| Manufacturer | AVX |
| Size | 280 Kbytes |
| Pages | 4 pages |
| Description | Multilayer Varistors for Universal Serial BUS Protection |