전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCAK304NWWB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MCAK304NWWB Datasheet

  • # Example questions: ➢ What is the maximum current that each key on this keypad is rated to handle?
    ➢ How many keys are present in this keypad array?
    ➢ What are the dimensions of the panel cutout required to accommodate this keypad?

  • Part No.MCAK304NWWB
    ManufacturerETC2
    Size461 Kbytes
    Pages2 pages
    DescriptionKeypad Plastic, Array
    Datasheet Summary with AI

    # Keypad
    ## Plastic, Array

    Specifications
    · Contact Rating: 20mA, 24V DC
    · Max. Contact Resistance: 200Ω
    · Life: 1,000,000 cycles per key
    · Operating Temperature: -20°C to +60°C
    · Storage Temperature: -40°C to +65°C
    · Waterproofing: Water Proof
    · Keypad Array: 3 × 4
    · Keypad Output: Matrix

    Dimensions
    · Panel Cutout Width: 51mm
    · Panel Cutout Height: 57mm
    · Material: Plastic
    · Number of Keys: 12
    · Colour: White
    · External Depth: 64mm
    · External Length / Height: 7.9mm
    · Fixing Centres L × W: 46mm × 57mm
    · Operating Force: 0.98N
    · Travel: 1.4mm
    · Actuating Force: 100 ±30 grams
    · Stroke: 1.4 ±0.4mm

    Part Number
    · Description: Keypad, 3 × 4 Array, Plastic
    · Part Number: MCAK304NWWB

    Output Arrangement
    · Output Pin 1: COL 2
    · Output Pin 2: ROW 1
    · Output Pin 3: COL 1
    · Output Pin 4: ROW 4
    · Output Pin 5: COL 3
    · Output Pin 6: ROW 3
    · Output Pin 7: ROW 2

    Legal Notice
    · Data sheet and information belong to Premier Farnell group of companies.
    · No license granted for use other than for information purposes.
    · Information subject to change without notice.
    · Group assumes no responsibility for accuracy or completeness.
    · Liability for loss or damage is excluded.

    # Keypad
    ## Plastic, Array

    Specifications
    · Contact Rating: 20mA, 24V DC
    · Max. Contact Resistance: 200Ω
    · Life: 1,000,000 cycles per key
    · Operating Temperature: -20°C to +60°C
    · Storage Temperature: -40°C to +65°C
    · Waterproofing: Water Proof
    · Keypad Array: 3 × 4
    · Keypad Output: Matrix

    Dimensions
    · Panel Cutout Width: 51mm
    · Panel Cutout Height: 57mm
    · Material: Plastic
    · Number of Keys: 12
    · Colour: White
    · External Depth: 64mm
    · External Length / Height: 7.9mm
    · Fixing Centres L × W: 46mm × 57mm
    · Operating Force: 0.98N
    · Travel: 1.4mm
    · Actuating Force: 100 ±30 grams
    · Stroke: 1.4 ±0.4mm

    Part Number
    · Description: Keypad, 3 × 4 Array, Plastic
    · Part Number: MCAK304NWWB

    Output Arrangement
    · Output Pin 1: COL 2
    · Output Pin 2: ROW 1
    · Output Pin 3: COL 1
    · Output Pin 4: ROW 4
    · Output Pin 5: COL 3
    · Output Pin 6: ROW 3
    · Output Pin 7: ROW 2

    Legal Notice
    · Data sheet and information belong to Premier Farnell group of companies.
    · No license granted for use other than for information purposes.
    · Information subject to change without notice.
    · Group assumes no responsibility for accuracy or completeness.
    · Liability for loss or damage is excluded.

    Part No.MCAK304NWWB
    ManufacturerETC2
    Size461 Kbytes
    Pages2 pages
    DescriptionKeypad Plastic, Array