전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRL0603-FW-R090ELF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CRL0603-FW-R090ELF Datasheet

  • # Example questions: ➢ What are the available tolerance options for the crl series resistors, and what do the 'f' and 'j' designations mean?
    ➢ For the crl2010 resistor, what is the maximum quantity of units per reel?
    ➢ What tape dimensions are consistent across all five resistor sizes (crl0603, crl0805, crl1206, crl2010, and crl2512)?

  • Part No.CRL0603-FW-R090ELF
    ManufacturerBOURNS
    Size215 Kbytes
    Pages3 pages
    DescriptionLow Value Chip Resistors
    Datasheet Summary with AI

    This is a comprehensive datasheet for a series of low-value chip resistors (CRL series). Here's a breakdown of the key information:

    1. Product Overview:

    ️· Type: Low-value chip resistors.
    ️· Series: CRL.
    ️· Focus: Designed for low resistance values.

    2. Ordering Information & Codes:

    ️· Code Structure: `CRL [Size] - [TCR] - [Resistance] - [Termination]`
    - `CRL`: Identifies the series
    - Size:
    ■ 0603
    ■ 0805
    ■ 1206
    ■ 2010
    ■ 2512
    - TCR (Temperature Coefficient of Resistance): (Affects stability over temperature)
    ■ `W`: ±200 ppm/°C (for 0.05 to 9.10 Ω resistance values)
    ■ `V`: ±400 ppm/°C (for 0.03 to 0.04 Ω resistance values)
    ■ `U`: ±600 ppm/°C (for 0.01 Ω to 0.02 Ω resistance values)
    - Resistance: Represented with "R" denoting the decimal point (e.g., R090 = 0.09 Ω, 9R10 = 9.10 Ω)
    - Termination:
    ■ `E`: Paper/Embossed Tape & Reel (Quantity varies by size: 5000 for 0603, 0805, 1206; 4000 for 2010, 2512)
    ■ `LF`: Tin-plated (RoHS compliant)

    3. Physical Characteristics & Dimensions:

    ️· Dimensional Drawings: Provides detailed measurements for each size (0603, 0805, 1206, 2010, 2512) including:
    - Overall dimensions
    - Terminal dimensions
    - Packaging tape dimensions (A, B, W, F, P0)
    - Reel dimensions (N, D, T)
    ️· Units: Dimensions are in millimeters (mm) with inch equivalents in parentheses.

    4. Electrical Characteristics (Implied):

    ️· Resistance Range: The ordering information suggests a range from approximately 0.01 Ω to 9.10 Ω.
    ️· Tolerance: Available in ±1% (F) and ±5% (J) options.

    5. Packaging:

    ️· Tape & Reel: Standard packaging for automated assembly.
    ️· Quantity: Varies by size.

    6. Environmental Compliance:

    ️· RoHS Compliant (with "LF" termination).

    7. Important Notes:

    ️· Spec Changes: Specifications are subject to change without notice. Users should always verify with the manufacturer.
    ️· Application Verification: Customers should test the resistors in their specific applications.



    Key Takeaways: This datasheet equips engineers with the details needed to select the appropriate CRL resistor for their low-resistance circuit designs.

    This is a comprehensive datasheet for a series of low-value chip resistors (CRL series). Here's a breakdown of the key information:

    1. Product Overview:

    ️· Type: Low-value chip resistors.
    ️· Series: CRL.
    ️· Focus: Designed for low resistance values.

    2. Ordering Information & Codes:

    ️· Code Structure: `CRL [Size] - [TCR] - [Resistance] - [Termination]`
    - `CRL`: Identifies the series
    - Size:
    ■ 0603
    ■ 0805
    ■ 1206
    ■ 2010
    ■ 2512
    - TCR (Temperature Coefficient of Resistance): (Affects stability over temperature)
    ■ `W`: ±200 ppm/°C (for 0.05 to 9.10 Ω resistance values)
    ■ `V`: ±400 ppm/°C (for 0.03 to 0.04 Ω resistance values)
    ■ `U`: ±600 ppm/°C (for 0.01 Ω to 0.02 Ω resistance values)
    - Resistance: Represented with "R" denoting the decimal point (e.g., R090 = 0.09 Ω, 9R10 = 9.10 Ω)
    - Termination:
    ■ `E`: Paper/Embossed Tape & Reel (Quantity varies by size: 5000 for 0603, 0805, 1206; 4000 for 2010, 2512)
    ■ `LF`: Tin-plated (RoHS compliant)

    3. Physical Characteristics & Dimensions:

    ️· Dimensional Drawings: Provides detailed measurements for each size (0603, 0805, 1206, 2010, 2512) including:
    - Overall dimensions
    - Terminal dimensions
    - Packaging tape dimensions (A, B, W, F, P0)
    - Reel dimensions (N, D, T)
    ️· Units: Dimensions are in millimeters (mm) with inch equivalents in parentheses.

    4. Electrical Characteristics (Implied):

    ️· Resistance Range: The ordering information suggests a range from approximately 0.01 Ω to 9.10 Ω.
    ️· Tolerance: Available in ±1% (F) and ±5% (J) options.

    5. Packaging:

    ️· Tape & Reel: Standard packaging for automated assembly.
    ️· Quantity: Varies by size.

    6. Environmental Compliance:

    ️· RoHS Compliant (with "LF" termination).

    7. Important Notes:

    ️· Spec Changes: Specifications are subject to change without notice. Users should always verify with the manufacturer.
    ️· Application Verification: Customers should test the resistors in their specific applications.



    Key Takeaways: This datasheet equips engineers with the details needed to select the appropriate CRL resistor for their low-resistance circuit designs.

    Part No.CRL0603-FW-R090ELF
    ManufacturerBOURNS
    Size215 Kbytes
    Pages3 pages
    DescriptionLow Value Chip Resistors